Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FP-20DAV Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # FP-20DAV
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FP-20DAV Datasheet(HTML) 2 Page - Renesas Technology Corp

  FP-20DAV Datasheet HTML 1Page - Renesas Technology Corp FP-20DAV Datasheet HTML 2Page - Renesas Technology Corp FP-20DAV Datasheet HTML 3Page - Renesas Technology Corp FP-20DAV Datasheet HTML 4Page - Renesas Technology Corp FP-20DAV Datasheet HTML 5Page - Renesas Technology Corp FP-20DAV Datasheet HTML 6Page - Renesas Technology Corp FP-20DAV Datasheet HTML 7Page - Renesas Technology Corp FP-20DAV Datasheet HTML 8Page - Renesas Technology Corp FP-20DAV Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
R2A20104/114 Series
R03DS0008EJ0301 Rev.3.01
Page 2 of 11
Jan 08, 2016
The Function List of R2A20104/114 Series
Item
R2A20104SP
R2A20104FP
R2A20114SP
R2A20114FP
PFC control
Continuous conduction mode interleaving
Current detection method
Current transformer
Shunt resistor
Package
SOP-20
LQFP-40
SOP-20
LQFP-40
Protection circuits
Brownout detection
Supported
Supported
Supported
Supported
2nd OVP
Not supported
Supported
Not supported
Supported
Phase error
Not supported
Supported
Not supported
Supported
Noise reduction
Jitter generation
(Frequency
modulation)
Supported
(But, frequency
modulation period
(dfm)(*1) is fixed)
Supported
Supported
(But, frequency
modulation period
(dfm)(*1) is fixed)
Supported
Synchronization with
external signal
Input
Supported
Supported
Supported
Supported
Output
Not supported
Supported
Not supported
Supported
Efficiency
improvement
Phase drop
Not supported
Supported
Not supported
Supported
Note: *1 Refer to the figure depicted below:
Switching frequency
time
dfm
fout
ffm = 1/T
Ordering Information
Part No.
Package Name
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
Remarks
R2A20104FPW0
FP-40EV
PLQP0040JB-C
FP
W (2000 pcs/reel)
non-HF
R2A20104FPW5
HF
R2A20114FPW0
non-HF
R2A20114FPW5
HF
R2A20104SPW0
FP-20DAV
PRSP0020DD-B
SP
W (2000 pcs/reel)
non-HF
R2A20104SPW5
HF
R2A20114SPW0
non-HF
R2A20114SPW5
HF
Note: HF: Halogen-Free


Similar Part No. - FP-20DAV

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
FP-2330-4 ROITHNER-FP-2330-4 Datasheet
78Kb / 1P
   2330nm FP Laser
FP-2735-3 ROITHNER-FP-2735-3 Datasheet
74Kb / 1P
   2730nm FP Laser
logo
List of Unclassifed Man...
FP-2B-2 ETC2-FP-2B-2 Datasheet
83Kb / 2P
   MicroGripper - 1.25mm to 0.3mm Lead Pitch
logo
Nichicon corporation
FP-2R5CM221M-VAR NICHICON-FP-2R5CM221M-VAR Datasheet
186Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
FP-2R5CM221M-VBR NICHICON-FP-2R5CM221M-VBR Datasheet
186Kb / 2P
   Functional Polymer Aluminum Solid Electrolytic Capacitors
More results

Similar Description - FP-20DAV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com