Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20114AFPW5 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R2A20114AFPW5
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20114AFPW5 Datasheet(HTML) 5 Page - Renesas Technology Corp

  R2A20114AFPW5 Datasheet HTML 1Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 2Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 3Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 4Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 5Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 6Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 7Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 8Page - Renesas Technology Corp R2A20114AFPW5 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
R2A20114AFP/ASP
Preliminary
R03DS0051EJ0201 Rev.2.01
Page 5 of 16
Jan 08, 2016
Block Diagram of R2A20114AFP
PROTECTION
BLOCK
INTERLEAVE
Logic 1
INTERLEAVE
Logic 2
CURRENT FORMING
BLOCK 1
CURRENT FORMING
BLOCK 2
VCC
CS2
SYNC-O
FMC
AGND
VCC
OCP1
OCP2
UVL
VREF
OCP1
OCP2
2.5V
OSC1
OSC2
E-AMP
300nA
28
μA
VREF
500nA
VREF
VREF
300nA
UVL
BO 4
RT/SYNC 37
CT 38
FMR 1
25
CS1 26
28
VREF
3
GD1
34
IRAMP
22
GD2
32
FB
17
COMP
15
SS
14
0.82V/0.81V
0.31V
4V
VCC
OVP2
18
36
PD 6
ERROR 11
2.5V
PGND
33
200nA
2
Latch
(UVL Reset)
E-DELAY 8
OFF 12
VREF
CSO2 23
CSO1 24
OVP2
RS 13
VAC
7
UVL
100k
Ω
OCP1
OCP2
10k
Ω
UVL
GD1
GD2
0.31V
200nA
200nA
5.7V
OSC1
OSC2
OSC1
OSC2
CT
SYNC-O
SYNC-O
SOVP
FBOPEN
OVP2
DOVP
5
ERROR
BLOCK


Similar Part No. - R2A20114AFPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFPW5 RENESAS-R2A20114AFPW5 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPW5 RENESAS-R2A20114AFPW5 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
More results

Similar Description - R2A20114AFPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114 RENESAS-R2A20114 Datasheet
146Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com