Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0510210900 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0510210900
Description  1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 9Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0510210900 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0510210900_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0510210900_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/24/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0510210900
Status:
Active
Overview:
PicoBlade™ Connector System
Description:
1.25mm Pitch PicoBlade™ Wire-to-Wire and Wire-to-Board Housing, Female, 9
Circuits
Documents:
3D Model
Product Specification PS-51021-022-001 (PDF)
Drawing (PDF)
Product Specification PS-51021-023-001 (PDF)
Product Specification PS-51021-001-001 (PDF)
Product Specification PS-51021-024-001 (PDF)
Product Specification PS-51021-002-001 (PDF)
Product Specification PS-51021-026-001 (PDF)
Product Specification PS-51021-009-001 (PDF)
Product Specification PS-51021-027-001 (PDF)
Product Specification PS-51021-010-001 (PDF)
Packaging Specification SPK-51021-001-001 (PDF)
Product Specification PS-51021-011-001 (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
51021
Application
Signal, Wire-to-Board, Wire-to-Wire
Current Derating Order No
987651-3691
Overview
PicoBlade™ Connector System
Product Name
PicoBlade™
UPC
800753575660
Physical
Circuits (maximum)
9
Color - Resin
Natural
Flammability
94V-0
Gender
Receptacle
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Net Weight
82.300/mg
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
1.25mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
0.8A, 1.0A
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-51021-001-001
Product Specification
PS-51021-001-001, PS-51021-002-001,
PS-51021-009-001, PS-51021-010-001,
PS-51021-011-001, PS-51021-022-001,
PS-51021-023-001, PS-51021-024-001,
PS-51021-026-001, PS-51021-027-001
Sales Drawing
SD-51021-002, SD-51021-005
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per
-ED/01/2017 (12
January 2017)
Halogen-Free
Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
51021 Series
Mates With
53261 1.25mm Pitch PicoBlade™ Right
Angle SMT Header, 53047 1.25mm
Pitch PicoBlade™ Vertical Thru-Hole
Header, 53398 1.25mm Pitch PicoBlade™
Vertical SMT Header, 53048 1.25mm Pitch
PicoBlade™ Right Angle Thru-Hole Header
Use With
50058 Crimp Terminal, 50079 Crimp
Terminal


Similar Part No. - 0510210900_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510210900 MOLEX7-0510210900 Datasheet
122Kb / 4P
   1.25mm (.049") Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 9Circuits
More results

Similar Description - 0510210900_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0510210900 MOLEX7-0510210900 Datasheet
122Kb / 4P
   1.25mm (.049") Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 9Circuits
51021-1300 MOLEX11-51021-1300 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 13
51021-1400 MOLEX11-51021-1400 Datasheet
38Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 14
0510211700 MOLEX1-0510211700_17 Datasheet
30Kb / 1P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 17
0510210300 MOLEX1-0510210300_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 3Circuits
0510210700 MOLEX1-0510210700_17 Datasheet
33Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 7Circuits
0510211200 MOLEX1-0510211200_17 Datasheet
32Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 12
51021-0800 MOLEX11-51021-0800 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 8
0510211100 MOLEX1-0510211100_17 Datasheet
32Kb / 2P
   1.25mm Pitch PicoBlade Wire-to-Wire and Wire-to-Board Housing, Female, 11
51021-0900 MOLEX11-51021-0900 Datasheet
39Kb / 2P
   1.25mm Pitch PicoBlade??Wire-to-Wire and Wire-to-Board Housing, Female, 9
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com