Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC2220K251R095 Datasheet(PDF) 9 Page - Kemet Corporation

Part # VC2220K251R095
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC2220K251R095 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button VC2220K251R095 Datasheet HTML 5Page - Kemet Corporation VC2220K251R095 Datasheet HTML 6Page - Kemet Corporation VC2220K251R095 Datasheet HTML 7Page - Kemet Corporation VC2220K251R095 Datasheet HTML 8Page - Kemet Corporation VC2220K251R095 Datasheet HTML 9Page - Kemet Corporation VC2220K251R095 Datasheet HTML 10Page - Kemet Corporation VC2220K251R095 Datasheet HTML 11Page - Kemet Corporation VC2220K251R095 Datasheet HTML 12Page - Kemet Corporation VC2220K251R095 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Soldering cont'd
WheneverseveraldifferenttypesofSMDcomponentsarebeingsoldered,eachhavingaspecificsolderingprofile,thesolderingprofile
with the least heat and the minimum amount of heating time is recommended. Once soldering has been completed, it is necessary to
minimizethepossibilityofthermalshockbyallowingthehotPCBtocooltolessthan50°Cbeforecleaning.
Inspection Criteria–theinspectioncriteriatodetermineacceptablesolderjoints,whenWaveorInfraredReflowprocessesareused,will
dependonseveralkeyvariables,principallyterminationmaterialprocessprofiles.
Pb-contining Wave and IR Reflow Soldering – typical “before” and “after” soldering results for Barrier Type End Terminations can be seen
in Fig. 4. Barrier type terminated varistors form a reliable electrical contact and metallurgical bond between the end terminations and the
solder pads. The bond between these two metallic surfaces is exceptionally strong and has been tested by both vertical pull and lateral
(horizontal) push tests. The results exceed established industry standards for adhesion.
The solder joint appearance of a barrier type terminated varistor shows that solder forms a metallurgical junction with the thin tin-alloy
(over the barrier layer), and due to its small volume “climbs” the outer surface of the terminations, the meniscus will be slightly lower.
This optical appearance should be taken into consideration when programming visual inspection of the PCB after soldering.
Ni Sn Barrier Type End Terminations
Fig.4–SolderingCriterionincaseofWaveandIRReflowPb-containingSoldering
Pb-free Wave and IR Reflow Soldering – typical “before” and “after” soldering results for Barrier Type End Terminations are given
in a phenomenon knows as “mirror” or “negative” meniscus. Solder forms a metallurgical junction with the entire volume of the end
termination, i.e. it diffuses from pad to end termination across the inner side, forming a “mirror” or “negative” meniscus. The height of the
solder penetration can be clearly seen on the end termination and is always 30% higher than the chip height.


Similar Part No. - VC2220K251R095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC2220K102R035 KEMET-VC2220K102R035 Datasheet
57Kb / 1P
   KEMET, VC, Varistors, Low Voltage, 45 V, 35 VAC, 56 V, 90 V, 10 A, 1 kA, 7.6 J, 20 mW
VC2220K122R014 KEMET-VC2220K122R014 Datasheet
57Kb / 1P
   KEMET, VC, Varistors, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 10 A, 1.2 kA, 6 J, 20 mW
VC2220K122R025 KEMET-VC2220K122R025 Datasheet
57Kb / 1P
   KEMET, VC, Varistors, Low Voltage, 31 V, 25 VAC, 39 V, 65 V, 10 A, 1.2 kA, 9.5 J, 20 mW
VC2220K122R030 KEMET-VC2220K122R030 Datasheet
57Kb / 1P
   KEMET, VC, Varistors, Low Voltage, 38 V, 30 VAC, 47 V, 77 V, 10 A, 1.2 kA, 12.2 J, 20 mW
VC2220K501R095 KEMET-VC2220K501R095 Datasheet
52Kb / 1P
   Varistors, VC, Low Voltage, 125 V, 95 VAC, 150 V, 250 V, 10 Amps, 500 Amps, 7.4 J, 20 mW
More results

Similar Description - VC2220K251R095

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com