Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT66F302 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT66F302
Description  Cost-Effective Flash MCU with EEPROM
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F302 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT66F302 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F302 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 129 page
background image
Rev. 1.11
6
April 11, 2017
Rev. 1.11
7
April 11, 2017
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
HT66F302/HT66F303
Cost-Effective Flash MCU with EEPROM
General Description
ThedevicesareaFlashMemorytype8-bithighperformanceRISCarchitecturemicrocontroller.
OfferinguserstheconvenienceofFlashMemorymulti-programmingfeatures,Thedevicesalso
includesawiderangeoffunctionsandfeatures.OthermemoryincludesanareaofRAMData
MemoryaswellasanareaoftrueEEPROMmemoryforstorageofnon-volatiledatasuchasserial
numbers,calibrationdataetc.
Analogfeaturesincludeamulti-channel12-bitA/Dconverterfunction.Multipleandextremely
flexibleTimerModulesprovidetiming,pulsegeneration,captureinput,comparematchoutputand
PWMgenerationfunctions.ProtectivefeaturessuchasaninternalWatchdogTimer,LowVoltage
ResetcoupledwithexcellentnoiseimmunityandESDprotectionensurethatreliableoperationis
maintainedinhostileelectricalenvironments.
Afullchoiceofinternaloscillatorfunctionsareprovidedincludingafullyintegratedsystem
oscillatorwhichrequiresnoexternalcomponentsforitsimplementation.
TheinclusionofflexibleI/Oprogrammingfeatures,Time-Basefunctionsalongwithmanyother
featuresensurethatthedeviceswillfindexcellentuseinapplicationssuchaselectronicmetering,
environmentalmonitoring,handheldinstruments,householdappliances,electronicallycontrolled
tools,motordrivinginadditiontomanyothers.
Selection Table
Mostfeaturesarecommontoalldevices.ThemainfeaturesdistinguishingthemareI/Ocountand
packagetypes.Thefollowingtablesummarisesthemainfeaturesofeachdevice.
Part No. Program
Memory
Data
Memory
Data
EEPROM I/O
A/D
Timer
Module
Time
Base Stack Package
HT66F302
1K×14
64×8
32×8
8 12-bit×4 10-bit STM×1
10-bit PTM×1
2
2
8/10SOP
HT66F303
1K×14
64×8
32×8
14 12-bit×4 10-bit STM×1
10-bit PTM×1
2
2
16NSOP
Block Diagram
8-bit
RISC
MCU
Core
I/O
Time
Bases
Low Voltage
Reset
Interrupt
Controller
Reset
Circuit
12-bit A/D
Converter
RAM Data
Memory
Timer
Modules
Watchdog
Timer
Internal RC
Oscillators
Flash
Program
Memory
EEPROM
Data
Memory
Flash/EEPROM
Programming Circuitry


Similar Part No. - HT66F302

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F30 HOLTEK-HT66F30 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F30 HOLTEK-HT66F30 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
More results

Similar Description - HT66F302

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT68F002 HOLTEK-HT68F002 Datasheet
6Mb / 119P
   Cost-Effective Flash MCU with EEPROM
68F002 HOLTEK-68F002 Datasheet
23Kb / 1P
   Cost-Effective Flash MCU with EEPROM
HT66F002 HOLTEK-HT66F002 Datasheet
6Mb / 144P
   Cost-Effective A/D Flash MCU with EEPROM
HT66F007 HOLTEK-HT66F007 Datasheet
5Mb / 131P
   Cost-Effective A/D Flash MCU with EEPROM
HT66F005 HOLTEK-HT66F005 Datasheet
4Mb / 109P
   Cost-Effective A/D Flash MCU with EEPROM
HT68F001 HOLTEK-HT68F001 Datasheet
5Mb / 55P
   Cost-Effective Flash MCU
HT46F46E HOLTEK-HT46F46E Datasheet
568Kb / 88P
   Cost-Effective A/D Flash Type 8-Bit MCU with EEPROM
HT66F20-1 HOLTEK-HT66F20-1 Datasheet
7Mb / 211P
   Flash MCU with EEPROM
HT66F0042 HOLTEK-HT66F0042 Datasheet
7Mb / 178P
   A/D Flash MCU with EEPROM
HT66F018 HOLTEK-HT66F018 Datasheet
7Mb / 154P
   A/D Flash MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com