Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT66F0182 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT66F0182
Description  A/D 8-Bit Flash MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F0182 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT66F0182 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F0182 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 116 page
background image
Rev. 1.00
8
De�e��e� 1�� �01�
Rev. 1.00
9
De�e��e� 1�� �01�
HT66F0182
A/D 8-Bit Flash MCU
HT66F0182
A/D 8-Bit Flash MCU
Pin Description
Withtheexceptionofthepowerpins,allpinsonthedevicecanbereferencedbytheirportname,
e.g.PA0,PA1etc,whichrefertothedigitalI/Ofunctionofthepins.Howevertheseportpinsare
alsosharedwithotherfunctionsuchastheAnalogtoDigitalConverter,TimerModulepinsetc.
Thefunctionofeachpinislistedinthefollowingtable,howeverthedetailsbehindhoweachpinis
configurediscontainedinothersectionsofthedatasheet.
Pin Name
Function
OPT
I/T
O/T
Description
PA0/STP/STPI/ICPDA
/OCDSDA
PA0
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
STP
TMPC
CMOS STM output
STPI
TMPC
ST
STM �aptu�e input
ICPDA
ST
CMOS ICP Add�ess/Data
OCDSDA
ST
CMOS OCDS Add�ess/Data� fo� EV �hip only
PA1
PA1
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
PA�/ICPCK/OCDSCK
PA�
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
ICPCK
ST
ICP Clo�k pin
OCDSCK
ST
OCDS Clo�k pin� fo� EV �hip only
PA3
PA3
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
PA4/PTCK/AN3
PA4
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
PTCK
PTMC0
ST
PTM �lo�k input
AN3
ACERL
AN
A/D �onve�te� input �hannel 3
PA�/AN4/VREF
PA�
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
AN4
ACERL
AN
A/D �onve�te� input �hannel 4
VREF
ADCR1
AN
A/D �onve�te� �efe�en�e voltage input pin
PA6/AN�
PA6
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
AN�
ACERL
AN
A/D �onve�te� input �hannel �
PA�/PTP/PTPI/AN6
PA�
PAPU
PAWU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high and
wake-up.
PTP
TMPC
CMOS PTM output
PTPI
TMPC
ST
PTM �aptu�e input
AN6
ACERL
AN
A/D �onve�te� input �hannel 6
PB0/INT0/AN0
PB0
PBPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
INT0
INTC0
INTEG
ST
Exte�nal Inte��upt 0
AN0
ACERL
AN
A/D �onve�te� input �hannel 0
PB1/INT1/AN1
PB1
PBPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
INT1
INTC�
INTEG
ST
Exte�nal Inte��upt 1
AN1
ACERL
AN
A/D �onve�te� input �hannel 1
PB�/STCK/AN�
PB�
PBPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
STCK
STMC0
ST
STM �lo�k input
AN�
ACERL
AN
A/D �onve�te� input �hannel �
PB3/AN�
PB3
PBPU
ST
CMOS Gene�al pu�pose I/O. Registe� ena�led pull-high.
AN�
ACERL
AN
A/D �onve�te� input �hannel �


Similar Part No. - HT66F0182

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F018 HOLTEK-HT66F018 Datasheet
7Mb / 154P
   A/D Flash MCU with EEPROM
HT66F0185 HOLTEK-HT66F0185 Datasheet
6Mb / 207P
   A/D Flash MCU with EEPROM
HT66F0186 HOLTEK-HT66F0186 Datasheet
6Mb / 197P
   A/D Flash MCU with EEPROM
HT66F0187 HOLTEK-HT66F0187 Datasheet
7Mb / 192P
   A/D Flash MCU with EEPROM
More results

Similar Description - HT66F0182

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F0172 HOLTEK-HT66F0172 Datasheet
4Mb / 115P
   Enhanced A/D Flash 8-Bit MCU
HT83F22 HOLTEK-HT83F22 Datasheet
2Mb / 158P
   A/D Type Recorder 8-Bit Flash MCU
HT66FB30 HOLTEK-HT66FB30_12 Datasheet
240Kb / 26P
   Enhanced A/D Flash Type 8-Bit MCU
HT66F20 HOLTEK-HT66F20 Datasheet
1Mb / 224P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1006 HOLTEK-HT66F20_1006 Datasheet
1Mb / 250P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_10 Datasheet
1Mb / 246P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20_1109 HOLTEK-HT66F20_1109 Datasheet
2Mb / 244P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66F20 HOLTEK-HT66F20_11 Datasheet
2Mb / 259P
   Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
HT66FB540 HOLTEK-HT66FB540 Datasheet
6Mb / 245P
   A/D Flash USB 8-Bit MCU with SPI
HT66F24D HOLTEK-HT66F24D Datasheet
4Mb / 177P
   A/D Flash Type 8-bit MCU with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com