Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-030AAC24 Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # MDS-030AAC24
Description  Medical AC-DC Adapter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-030AAC24 Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  MDS-030AAC24 Datasheet HTML 1Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 2Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 3Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 4Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 5Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 6Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 7Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 8Page - Delta Electronics, Inc. MDS-030AAC24 Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TECHNICAL DATASHEET
Medical AC-DC Adapter
MDS-030AAC Series / MDS-030AAC
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2017, Rev.07)
7
Functions
Start-up Time
The time required for the output voltage (Vo) to reach 90% of its set value, after the input AC voltage is applied.
Rise Time
The time required for the output voltage (Vo) to change from 10% to 90% of its steady state value.
Hold-up Time
Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time
required for the output to reach 95% of its set value, after the input voltage is removed.
Graph illustrating the Start-up Time, Rise Time, and Hold-up Time
Inrush Current
Inrush current is the input current that occurs when the input
voltage is first applied. For AC input voltages, the maximum
peak value of inrush current will occur during the first half cycle
of the applied AC voltage. This peak value decreases
exponentially during subsequent cycles of AC voltage.
Dynamic Response
The power supply output voltage will remain within ±3% of its
steady state value, when subjected to a dynamic load change
from 50 to 100% of its rated current.


Similar Part No. - MDS-030AAC24

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-005AAS05-B DELTA-MDS-005AAS05-B Datasheet
848Kb / 10P
   MDS Medical AC-DC Wall Mount Adapter
logo
Adam Technologies, Inc.
MDS-008 ADAM-TECH-MDS-008 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Delta Electronics, Inc.
MDS-040APS12-B DELTA-MDS-040APS12-B Datasheet
572Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS12B DELTA-MDS-040APS12B Datasheet
572Kb / 10P
   Medical AC-DC Open Frame
MDS-040APS12BA DELTA-MDS-040APS12BA Datasheet
826Kb / 11P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-030AAC24

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-060AAS15B DELTA-MDS-060AAS15B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19F DELTA-MDS-090AAS19F Datasheet
577Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS24B DELTA-MDS-060AAS24B Datasheet
623Kb / 10P
   Medical AC-DC Adapter
MDS-060AAS19B DELTA-MDS-060AAS19B Datasheet
617Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS15F DELTA-MDS-090AAS15F Datasheet
574Kb / 10P
   Medical AC-DC Adapter
MDS-090AAS19-F DELTA-MDS-090AAS19-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15BA DELTA-MDS-090AAS15BA Datasheet
719Kb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS19BA DELTA-MDS-150AAS19BA Datasheet
810Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS19-B DELTA-MDS-060AAS19-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15-F DELTA-MDS-090AAS15-F Datasheet
574Kb / 10P
   MDS Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com