Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDS-040APS24-B Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # MDS-040APS24-B
Description  MDS Medical AC-DC Open Frame
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-040APS24-B Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button MDS-040APS24-B Datasheet HTML 2Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 3Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 4Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 5Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 6Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 7Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 8Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 9Page - Delta Electronics, Inc. MDS-040APS24-B Datasheet HTML 10Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Open Frame
24Volt, 40Watt / MDS-040APS24 B
```
Certificate
.
All Delta Medical Power products conform to the European directive 2011/65/EU.
RoHS is the abbreviation for “Restriction of the use of certain hazardous
substances.
Delta has been certified as meeting the requirement of ISO 13485: 2003 and EN
ISO 13485:2012 for the design and manufacture of switching power supply and
adaptor for medical device.
In addition to a UL Total Certification Program (TCP) approved client laboratory for
IEC60950 and IEC60065. Delta also has participated UL Client Test Data Program
(CDTP) for IEC 60601
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 02)
10


Similar Part No. - MDS-040APS24-B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-040APS24B DELTA-MDS-040APS24B Datasheet
523Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS24BA DELTA-MDS-040APS24BA Datasheet
833Kb / 11P
   MDS Medical AC-DC Open Frame
More results

Similar Description - MDS-040APS24-B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-065APS12BA DELTA-MDS-065APS12BA Datasheet
650Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-065APS15BA DELTA-MDS-065APS15BA Datasheet
643Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24BA DELTA-MDS-065APS24BA Datasheet
640Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19B DELTA-MDS-400AUS19B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS12B DELTA-MDS-100BPS12B Datasheet
450Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24-B DELTA-MDS-065APS24-B Datasheet
492Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19-B DELTA-MDS-400AUS19-B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS18-B DELTA-MDS-100BPS18-B Datasheet
462Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS24B DELTA-MDS-100APS24B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS24-B DELTA-MDS-100BPS24-B Datasheet
591Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS18-B DELTA-MDS-040APS18-B Datasheet
578Kb / 10P
   MDS Medical AC-DC Open Frame
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com