Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNE-185W Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # LNE-185W
Description  North American and International AC voltage options
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LNE-185W Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  LNE-185W Datasheet HTML 1Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 2Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 3Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 4Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 5Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 6Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 7Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 8Page - Delta Electronics, Inc. LNE-185W Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TECHNICAL DATASHEET
LED Driver
LNE-185W Series / LNE-
V185W□□□
All parameters are specified at 25°C ambient for all products unless otherwise indicated.
www.DeltaPSU.com (April 2016, Rev. 02)
1
LNE
Highlights & Features
North American and International AC voltage options
Up to 94.0% efficiency
6kV common mode & 4kV differential mode surge immunity
Active PFC. Meets IEC/EN 61000-3-2, Class C
Adjustable voltage & current; dimming option available
IP65 or IP67 assembly for indoor and outdoor applications
Safety Standards
CB Certified for worldwide use
Model Number:
LNE-☐V185W☐☐☐
Unit Weight:
1.04 kg (2.29 lb)
Dimensions (L x W x D): 228 x 68 x 38.8 mm
(8.98 x 2.68 x 1.53 inch)
General Description
Delta LNE series of LED drivers comes with different combinations of features to suit different application requirements and energy
optimization needs. Options include externally adjustable output voltage and current levels, and adjustment of LED brightness via 3-
way built-in dimming function. All models in the LNE series come with a full corrosion resistant aluminum casing, major international
safety certifications and are compliant with EN55015 immunity/Emissions/Harmonic requirements. The products are designed and
rigorously tested to work in various indoor and outdoor LED lighting conditions. High surge immunity (common mode: 6kV, differential
mode: 4kV), MTBF > 700,000hrs and compliance to IP65/IP67, all make the Delta LNE series an essential part of an energy efficient
LED lighting power solution for both indoor and outdoor applications.
Model Information
LNE LED Driver
Model Number
Input Voltage Range
Rated Output Voltage
Rated Output Current
LNE-12V185W☐☐☐
90-305Vac (LNE-☐V185W☐A☐)
12Vdc
13.00A
LNE-24V185W☐☐☐
90-264Vac (LNE-☐V185W☐C☐)
24Vdc
7.80A
LNE-36V185W☐☐☐
36Vdc
5.20A
LNE-48V185W☐☐☐
48Vdc
3.90A
LNE-54V185W☐☐☐
54Vdc
3.45A
Model Numbering
LN
E –
□V
185W
LED
Driver
Product Series
E – High
efficiency and
PFC
Output Voltage
12V
24V
36V
48V
54V
Output Power
(185W series
model)
Package Type
A – IP65 with potentiometers
to adjust output voltage &
constant current level
D – IP67 with dimming cable
to adjust constant current
level
Safety Approval
A – UL approval
C – ENEC, CE, KC,
PSE and CCC approval
Variable
A – Delta
standard


Similar Part No. - LNE-185W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-100W DELTA-LNE-100W Datasheet
969Kb / 15P
   North American and International AC voltage options
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-150W DELTA-LNE-150W Datasheet
1,020Kb / 15P
   North American and International AC voltage options
More results

Similar Description - LNE-185W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-150W DELTA-LNE-150W Datasheet
1,020Kb / 15P
   North American and International AC voltage options
LNE-100W DELTA-LNE-100W Datasheet
969Kb / 15P
   North American and International AC voltage options
logo
List of Unclassifed Man...
6665 ETC2-6665 Datasheet
53Kb / 2P
   RETRACTILE CORD - NORTH AMERICAN
179708 ETC2-179708 Datasheet
340Kb / 3P
   NORTH AMERICAN POWER SUPPLY CORD
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1775110B1 ETC2-1775110B1 Datasheet
69Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1751810B1 ETC2-1751810B1 Datasheet
386Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com