Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNE-150W Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # LNE-150W
Description  North American and International AC voltage options
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

LNE-150W Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button LNE-150W Datasheet HTML 5Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 6Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 7Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 8Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 9Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 10Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 11Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 12Page - Delta Electronics, Inc. LNE-150W Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TECHNICAL DATASHEET
LED Driver
LNE-150W Series / LNE-
V150W□□□
All parameters are specified at 25°C ambient for all products unless otherwise indicated.
www.DeltaPSU.com (April 2016, Rev. 02)
9
Dimensions
L x W x D: 228 x 68 x 38.8 mm [8.98 x 2.68 x 1.53 inch]
LNE-☐V150WA☐☐
LNE-☐V150WD☐☐
Item
Device Description
1
Input cable
2
Output cable
3
Constant voltage adjustment potentiometer
4
Constant current adjustment potentiometer
5
Dimming Cable
tc
T case (tc): Temperature hot spot location on case. The
temperature at this location will not exceed 85°C when used in
accordance to conditions in this data sheet.


Similar Part No. - LNE-150W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-100W DELTA-LNE-100W Datasheet
969Kb / 15P
   North American and International AC voltage options
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-185W DELTA-LNE-185W Datasheet
998Kb / 15P
   North American and International AC voltage options
More results

Similar Description - LNE-150W

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
LNE-120W DELTA-LNE-120W Datasheet
1,007Kb / 15P
   North American and International AC voltage options
LNE-185W DELTA-LNE-185W Datasheet
998Kb / 15P
   North American and International AC voltage options
LNE-100W DELTA-LNE-100W Datasheet
969Kb / 15P
   North American and International AC voltage options
logo
List of Unclassifed Man...
6665 ETC2-6665 Datasheet
53Kb / 2P
   RETRACTILE CORD - NORTH AMERICAN
179708 ETC2-179708 Datasheet
340Kb / 3P
   NORTH AMERICAN POWER SUPPLY CORD
1753610B1 ETC2-1753610B1 Datasheet
60Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1775110B1 ETC2-1775110B1 Datasheet
69Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1751810B1 ETC2-1751810B1 Datasheet
386Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1752410B1 ETC2-1752410B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
1753910B1 ETC2-1753910B1 Datasheet
61Kb / 2P
   CORDSET - NORTH AMERICAN WIRE HARNESS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com