Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


VLFX-825 Datasheet(PDF) 1 Page - Mini-Circuits

Part No. VLFX-825
Description  Low Pass Filter DC to 825 MHz (40 dB Isolation up to 20 GHz)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

   
 1 page
background image
Low Pass Filter Electrical Specifications @ 25°C
Maximum Ratings
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
10W max. at 25°C
Applications
• harmonic rejection
• transmitters/receivers
• lab use
• test instrumentation
• very good isolation, 40 dB up to 20 GHz
• 21 sections
• temperature stable LTCC internal structure
• patent pending
• re-entry frequency > 20 GHz
• rugged stainless steel unibody
CASE STYLE: FF1118
PRICE: $ 39.95 ea. QTY (1-9)
Typical Performance Data @ 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
Functional Schematic
RF IN
RF OUT
*Passband rating, derate linearly to 3.5W at 100°C ambient.
Outline Dimensions (
)
inch
mm
B
D
E
wt.
.39
2.67
.312
grams
9.91
67.82
7.92
17.0
MODEL
NO.
PASSBAND
(MHz)
(Loss < 1.2dB)
Max.
fco, MHz
Nom
(Loss 3 dB)
Typ
STOPBAND (MHz)
(Loss, dB)
VSWR (:1)
NO. OF
SECTIONS
f20
Min.
f40
Typ.
Stopband
Typ.
Passband
Typ.
VLFX-825
DC-825
1275
1550
1850-20000
10
1.25
21
Outline Drawing
Typical Frequency Response
FREQUENCY
>20 GHz
fco
f20
f40
40 dB
20 dB
3 dB
1 dB
50
0.21
1.04
250
0.34
1.11
500
0.56
1.09
850
0.99
1.15
950
1.19
1.15
1100
1.58
1.11
1300
3.89
1.26
1400
11.97
3.20
1475
22.09
5.16
1800
39.04
18.43
2000
62.70
27.62
3000
75.79
64.73
4000
81.73
66.53
5000
75.62
62.40
7500
72.55
42.41
10000
71.84
17.08
12500
61.43
6.17
15000
77.23
5.85
17500
68.24
21.82
20000
73.81
13.68
INTERNET
http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 825 MHz (40 dB Isolation up to 20 GHz)
Low Pass Filter
Coaxial
REV. OR
M96318
VLFX-825
EDU-0399
ED-11930A/12
URJ/RS/CP
050119
NEW!
VLFX-825
VLFX-825
INSERTION LOSS
0
10
20
30
40
50
60
70
80
90
100
0
4000
8000
12000
16000
20000
FREQUENCY (MHz)
VLFX-825
VSWR
1
10
100
0
4000
8000
12000
16000
20000
FREQUENCY (MHz)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
VLFX-450Low Pass Filter DC to 450 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-480Low Pass Filter DC to 480 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-500Low Pass Filter DC to 500 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-1350Low Pass Filter DC to 1350 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-540Low Pass Filter DC to 540 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-650Low Pass Filter DC to 650 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-780Low Pass Filter DC to 780 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-950Low Pass Filter DC to 950 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-1050Low Pass Filter DC to 1050 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits
VLFX-1100Low Pass Filter DC to 1100 MHz 40 dB Isolation up to 20 GHz 1 Mini-Circuits

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl