Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT45F2020 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT45F2020
Description  Sound Effect Generator Flash MCU
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F2020 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT45F2020 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F2020 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
Rev. 1.00
6
April 11, 2017
Rev. 1.00
7
April 11, 2017
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
HT45F2020/HT45F2022
Sound Effect Generator Flash MCU
Block Diagram
8-bit
RISC
MCU
Core
I/O
Timer
Module
Flash Program
Memory
Flash Memory
Programming
Circuitry
Watchdog
Timer
Interrupt
Controller
Reset
Circuit
RAM Data
Memory
Internal
HIRC/LIRC
Oscillators
* Shunt Regulator
Time
Base
*TheShuntRegulatorisonlyavailablefortheHT45F2020device.
Pin Assignment
Top View
2020/2022
6
54
3
2
1
HT45F2020/HT45F2022
SOT23-6-A
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
VDD
VSS
PA0/PTPI/ICPDA
NC
NC
NC
NC
OCDSCK
PA3/PTP/PTPB
PA1/PTP/PTPB
PA2/PTCK/ICPCK
NC
NC
NC
NC
OCDSDA
HT45V2020/HT45V2022
16 NSOP-A
VDD
PA0/PTPI/ICPDA
NC
NC
PA1/PTP/PTPB
PA3/PTP/PTPB
VSS
PA2/PTCK/ICPCK
1
2
3
4
8
7
6
5
HT45F2020/HT45F2022
8 SOP-A
Note:1.Ifthepin-sharedpinfunctionshavemultipleoutputssimultaneously,thedesiredpin-shared
functionisdeterminedbythecorrespondingsoftwarecontrolbits.
2.TheOCDSDAandOCDSCKpinsaresuppliedfortheOCDSdedicatedpinsandassuch
areonlyavailablefortheHT45V2020andHT45V2022EVdevices.


Similar Part No. - HT45F2020

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45F2002 HOLTEK-HT45F2002 Datasheet
3Mb / 31P
   2-Wire Communication Flash MCU
More results

Similar Description - HT45F2020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8021-2 ETC2-8021-2 Datasheet
15Kb / 2P
   DING-DONG SOUND EFFECT GENERATOR IC
logo
BOWIN ELECTRONIC CO.
M8031-2S BOWIN-M8031-2S Datasheet
30Kb / 2P
   DING-DONG SOUND EFFECT GENERATOR IC
logo
Holtek Semiconductor In...
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
   Single Sound Generator
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
   6-Sound Generator
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
   Programmable Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A_12 Datasheet
215Kb / 7P
   SINGLE SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
   Single Sound Generator
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
   Dual Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A Datasheet
91Kb / 8P
   SINGLE SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
   4-Sound Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com