Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ294522DRVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294522DRVT
Description  Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294522DRVT Datasheet(HTML) 4 Page - Texas Instruments

  BQ294522DRVT Datasheet HTML 1Page - Texas Instruments BQ294522DRVT Datasheet HTML 2Page - Texas Instruments BQ294522DRVT Datasheet HTML 3Page - Texas Instruments BQ294522DRVT Datasheet HTML 4Page - Texas Instruments BQ294522DRVT Datasheet HTML 5Page - Texas Instruments BQ294522DRVT Datasheet HTML 6Page - Texas Instruments BQ294522DRVT Datasheet HTML 7Page - Texas Instruments BQ294522DRVT Datasheet HTML 8Page - Texas Instruments BQ294522DRVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
1
2
3
4
5
6
OUT
VDD
V1
V3
V2
VSS
PWR PAD
4
bq294502, bq294504, bq294512, bq294514
bq294515, bq294522, bq294524, bq294532
bq294533, bq294562, bq294572, bq294582, bq294592
SLUSAJ3F – SEPTEMBER 2011 – REVISED JUNE 2017
www.ti.com
Product Folder Links: bq294502 bq294504 bq294512 bq294514 bq294515 bq294522 bq294524 bq294532
bq294533 bq294562 bq294572 bq294582 bq294592
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
(1)
Product Preview only
5 Device Options
TA
PART NUMBER
OVP (V)
DELAY TIME (s)
–40°C to +110°C
bq294502
4.35
4
bq294504
4.35
6.5
bq294512
4.4
4
bq294514
4.4
6.5
bq294515
4.425
4
bq294522
4.45
4
bq294524
4.45
6.5
bq294532
4.5
4
bq294533
4.5
6.5
bq294562
4.25
4
bq294572
4
4
bq294582
4.225
4
bq294584(1)
4.225
6.5
bq294592
4.3
4
6 Pin Configuration and Functions
DRV Package
6-Pin SON
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
OUT
6
OA
Output drive for external N-channel FET.
PWRPAD
VSS pin to be connected to the PWRPAD on the printed-circuit-board (PCB) for
proper operation.
V1
4
IA
Sense input for positive voltage of the lowest cell in the stack.
V2
2
IA
Sense input for positive voltage of the second cell from the bottom of the stack.
V3
1
IA
Sense input for positive voltage of the third cell from the bottom of the stack.
VDD
5
P
Power supply
VSS
3
P
Electrically connected to IC ground and negative terminal of the lowest cell in
the stack.


Similar Part No. - BQ294522DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294522DRVT TI-BQ294522DRVT Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294522DRVT TI-BQ294522DRVT Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294522DRVT TI-BQ294522DRVT Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
More results

Similar Description - BQ294522DRVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com