Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA145 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA145
Description  High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA145 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA145 Datasheet HTML 5Page - Texas Instruments OPA145 Datasheet HTML 6Page - Texas Instruments OPA145 Datasheet HTML 7Page - Texas Instruments OPA145 Datasheet HTML 8Page - Texas Instruments OPA145 Datasheet HTML 9Page - Texas Instruments OPA145 Datasheet HTML 10Page - Texas Instruments OPA145 Datasheet HTML 11Page - Texas Instruments OPA145 Datasheet HTML 12Page - Texas Instruments OPA145 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
9
OPA145, OPA2145, OPA4145
www.ti.com
SBOS427 – JUNE 2017
Product Folder Links: OPA145 OPA2145 OPA4145
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = 4.5 V to 36 V; ±2.25 V to ±18 V (continued)
at TA = 25°C, RL = 2 kΩ connected to midsupply, and VCM = VOUT = midsupply (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
BW
Gain bandwidth product
G = 100
5.5
MHz
φM
Phase Margin
G = 1, CL = 10 pF
78
°
SR
Slew rate
20
V/μs
Settling time
12 bits
10-V Step, G = +1
1.6
μs
16 bits
10-V Step, G = +1
6
THD+N
Total harmonic distortion and noise
1 kHz, G = +1, VO = 3.5 VRMS
0.0001%
Overload recovery time
600
ns
OUTPUT
Linear output voltage swing range
RL = 10 kΩ, AOL ≥ 108 dB, TA =
–40°C to +125°C
(see Figure 24 and Figure 25)
(V–) + 0.1
(V+) – 0.1
V
RL = 2 kΩ, AOL ≥ 108 dB, TA =
–40°C to +125°C
(see Figure 24 and Figure 25)
(V–) + 0.3
(V+) – 0.3
VO
Voltage output swing from rail
RL = 10 kΩ
75
mV
RL = 10 kΩ, TA = –40°C to +125°C
90
RL = 2 kΩ
210
RL = 2 kΩ,TA = –40°C to +125°C
250
ISC
Short-circuit current
±20
mA
CLOAD
Capacitive load drive
See Figure 27
RO
Open-loop output impedance
f = 1 MHz, IO = 0 mA (see
Figure 26)
150
Ω
POWER SUPPLY
VS
Specified voltage range
±2.25
±18
V
IQ
Quiescent current (per amplifier)
IO = 0 mA
445
475
µA
TA = 0°C to +85°C
590
TA = –40°C to +125°C
655
TEMPERATURE RANGE
Specified
–40
125
°C
Operating
–55
150
°C


Similar Part No. - OPA145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA145 TI1-OPA145 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
More results

Similar Description - OPA145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA145 TI-OPA145_V03 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI-OPA145_V02 Datasheet
2Mb / 42P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_V01 Datasheet
2Mb / 43P
[Old version datasheet]   OPAx145 High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifiers
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Analog Devices
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
logo
Analog Devices
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8605ARTZ AD-AD8605ARTZ Datasheet
836Kb / 24P
   Precision, Low Noise, CMOS, Rail-to-Rail, Input/Output Operational Amplifiers
Rev. N
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com