Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFB1212VHE-F00 Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # FFB1212VHE-F00
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FFB1212VHE-F00 Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button FFB1212VHE-F00 Datasheet HTML 3Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 4Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 5Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 6Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 7Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 8Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 9Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 10Page - Delta Electronics, Inc. FFB1212VHE-F00 Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Descriptions:
1. Delta will not guarantee the performance of the products if the application condition falls
outside the parameters set forth in the specification.
2. A written request should be submitted to Delta prior to approval if deviation from this
specification is required.
3. Please exercise caution when handling fans.
Damage may be caused when pressure is applied
to the impeller, if the fans are handled by the lead wires, or if the fans are hard-dropped to the
production floor.
4. Except as pertains to some special designs, there is no guarantee that the products will be free
from any such safety problems or failures as caused by the introduction of powder, droplets of
water or encroachment of insect into the hub.
5. The above-mentioned conditions are representative of some unique examples and viewed as the
first point of reference prior to all other information.
6. It is very important to establish the correct polarity before connecting the fan to the power
source.
Positive (+) and Negative (-).
Damage may be caused to the fans if connection is
with reverse polarity, as there is no foolproof method to protect against such error.
7. Delta fans are not suitable where any corrosive fluids are introduced to their environment.
8. Please ensure all fans are stored according to the storage temperature limits specified.
Do not
store fans in a high humidity environment. We highly recommend performance testing is
conducted before shipping, if the fans have been stored over 6 months.
9. Not all fans are provided with the Lock Rotor Protection feature.
If you impair the rotation of
the impeller for the fans that do not have this function, the performance of those fans will lead
to failure.
10. Please be cautious when mounting the fan.
Incorrect mounting of fans may cause excess
resonance, vibration and subsequent noise.
11. It is important to consider safety when testing the fans. A suitable fan guard should be fitted to
the fan to guard against any potential for personal injury.
12. Except where specifically stated, all tests are carried out at relative (ambient) temperature and
humidity conditions of 25
oC, 65%. The test value is only for fan performance itself.
13. Be certain to connect an “over 4.7µF” capacitor to the fan externally when the application calls
for using multiple fans in parallel, to avoid any unstable power.


Similar Part No. - FFB1212VHE-F00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FFB1212VHE ETC2-FFB1212VHE Datasheet
69Kb / 1P
   120 x 120 x 38 MM SERIES
FFB1212VHE ETC2-FFB1212VHE Datasheet
462Kb / 1P
   DIMENSIONS DRAWING
logo
Delta Electronics, Inc.
FFB1212VHE DELTA-FFB1212VHE Datasheet
821Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results

Similar Description - FFB1212VHE-F00

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
BFB0724L DELTA-BFB0724L Datasheet
780Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
EUB0424MD DELTA-EUB0424MD Datasheet
1Mb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
FFB0812VHE-F00 DELTA-FFB0812VHE-F00 Datasheet
609Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFC0812DS-CMA8 DELTA-GFC0812DS-CMA8 Datasheet
940Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0812GHE-F00 DELTA-PFB0812GHE-F00 Datasheet
593Kb / 7P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0612UHE-T50F DELTA-PFB0612UHE-T50F Datasheet
770Kb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0412EHN-TP06 DELTA-PFB0412EHN-TP06 Datasheet
1Mb / 9P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFC0412DG-CMA4 DELTA-GFC0412DG-CMA4 Datasheet
971Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
GFM0412SS-BL4F DELTA-GFM0412SS-BL4F Datasheet
1Mb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PFB0924DHE-R00 DELTA-PFB0924DHE-R00 Datasheet
537Kb / 8P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com