Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1303M0520DWVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1303M0520DWVR
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1303M0520DWVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button AMC1303M0520DWVR Datasheet HTML 2Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 3Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 4Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 5Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 6Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 7Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 8Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 9Page - Texas Instruments AMC1303M0520DWVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
AMC1303E0510, AMC1303M0510, AMC1303E0520, AMC1303M0520
AMC1303E2510, AMC1303M2510, AMC1303E2520, AMC1303M2520
SBAS771 – JUNE 2017
www.ti.com
Product Folder Links: AMC1303E0510 AMC1303M0510 AMC1303E0520 AMC1303M0520 AMC1303E2510
AMC1303M2510 AMC1303E2520 AMC1303M2520
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.7 Safety-Related Certifications
VDE
UL
Certified according to DIN V VDE V 0884-11 (VDE V 0884-11):
2017-01, DIN EN 60950-1 (VDE 0805 Teil 1): 2014-08, and
DIN EN 60065 (VDE 0860): 2005-11
Recognized under 1577 component recognition and
CSA component acceptance NO 5 programs
Reinforced insulation
Single protection
Certificate number: 40040142
File number: E181974
(1)
Input, output, or the sum of input and output power must not exceed this value.
7.8 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output (I/O) circuitry.
A failure of the I/O may allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to
overheat the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current,
see Figure 3
θJA = 112.2°C/W, VDD1 = VDD2 = 5.5 V,
TJ = 150°C, TA = 25°C
202.5
mA
θJA = 112.2°C/W, VDD1 = VDD2 = 3.6 V,
TJ = 150°C, TA = 25°C
309.4
PS
Safety input, output, or total power,
see Figure 4
θJA = 112.2°C/W, TJ = 150°C, TA = 25°C
1114(1)
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Thermal Information table is that
of a device installed on a high-K test board for leaded surface-mount packages. The power is the recommended
maximum input voltage times the current. The junction temperature is then the ambient temperature plus the
power times the junction-to-air thermal resistance.


Similar Part No. - AMC1303M0520DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B TI1-AMC1300B Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWV TI1-AMC1300BDWV Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWVR TI1-AMC1300BDWVR Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
More results

Similar Description - AMC1303M0520DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com