Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2595RHAT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMX2595RHAT
Description  19-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2595RHAT Datasheet(HTML) 5 Page - Texas Instruments

  LMX2595RHAT Datasheet HTML 1Page - Texas Instruments LMX2595RHAT Datasheet HTML 2Page - Texas Instruments LMX2595RHAT Datasheet HTML 3Page - Texas Instruments LMX2595RHAT Datasheet HTML 4Page - Texas Instruments LMX2595RHAT Datasheet HTML 5Page - Texas Instruments LMX2595RHAT Datasheet HTML 6Page - Texas Instruments LMX2595RHAT Datasheet HTML 7Page - Texas Instruments LMX2595RHAT Datasheet HTML 8Page - Texas Instruments LMX2595RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
LMX2595
www.ti.com
SNAS736 – JUNE 2017
Product Folder Links: LMX2595
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VCC
Power supply voltage
–0.3
3.6
V
TJ
Junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500 V HBM is possible with the necessary precautions. Pins listed as ±XXX V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 250 V CDM is possible with the necessary precautions. Pins listed as ±YYY V may actually have higher performance.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±750
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Power supply voltage
3.15
3.3
3.45
V
TA
Ambient temperature
–40
25
85
°C
TJ
Junction Temperature
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
DAP
6.4 Thermal Information
THERMAL METRIC(1)
LMX2595
UNIT
RHA (VQFN)
40 PINS
RθJA
Junction-to-ambient thermal resistance
30.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance (2)
15.3
°C/W
RθJB
Junction-to-board thermal resistance
5.4
°C/W
ψJT
Junction-to-top characterization parameter
0.2
°C/W
ψJB
Junction-to-board characterization parameter
5.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W


Similar Part No. - LMX2595RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2592 TI1-LMX2592 Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2592RHAR TI1-LMX2592RHAR Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2592RHAT TI1-LMX2592RHAT Datasheet
1Mb / 40P
[Old version datasheet]   High Performance, Wideband PLLatinum RF Synthesizer
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2594RHAR TI1-LMX2594RHAR Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
More results

Similar Description - LMX2595RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2594 TI1-LMX2594 Datasheet
2Mb / 73P
[Old version datasheet]   15 GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820_V02 Datasheet
3Mb / 43P
[Old version datasheet]   LMX2820 22.6-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI1-LMX2820 Datasheet
1Mb / 37P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2820 TI-LMX2820_V01 Datasheet
1Mb / 40P
[Old version datasheet]   LMX2820 22.4-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572_17 Datasheet
1Mb / 87P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2572 TI1-LMX2572 Datasheet
997Kb / 26P
[Old version datasheet]   6.4-GHz Low Power Wideband RF Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-EP TI-LMX2694-EP_V01 Datasheet
1Mb / 83P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
LMX2694-EP TI1-LMX2694-EP Datasheet
1Mb / 80P
[Old version datasheet]   LMX2694-EP 15-GHz Wideband PLLatinum RF Synthesizer With Phase Synchronization
LMX2615-SP TI1-LMX2615-SP Datasheet
839Kb / 91P
[Old version datasheet]   Space Grade 40-MHz to 15-GHz Wideband Synthesizer With Phase Synchronization and JESD204B Support
LMX2694-SEP TI-LMX2694-SEP Datasheet
3Mb / 90P
[Old version datasheet]   LMX2694-SEP Radiation Hardened 15-GHz Wideband PLLatinum??RF Synthesizer With Phase Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com