Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ294582 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294582
Description  Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294582 Datasheet(HTML) 1 Page - Texas Instruments

  BQ294582 Datasheet HTML 1Page - Texas Instruments BQ294582 Datasheet HTML 2Page - Texas Instruments BQ294582 Datasheet HTML 3Page - Texas Instruments BQ294582 Datasheet HTML 4Page - Texas Instruments BQ294582 Datasheet HTML 5Page - Texas Instruments BQ294582 Datasheet HTML 6Page - Texas Instruments BQ294582 Datasheet HTML 7Page - Texas Instruments BQ294582 Datasheet HTML 8Page - Texas Instruments BQ294582 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VCELL1
VCELL3
VCELL2
OUT
VDD
VSS
RIN
bq2945xx
Pack +
Pack–
V3
V2
V1
RIN
RIN
CIN
CIN
CIN
CVD
RVD
PWRPAD
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
bq294502, bq294504, bq294512, bq294514
bq294515, bq294522, bq294524, bq294532
bq294533, bq294562, bq294572, bq294582, bq294592
SLUSAJ3F – SEPTEMBER 2011 – REVISED JUNE 2017
bq2945xx Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
1
1 Features
1
2-Series and 3-Series Cell Overvoltage Monitor
for Secondary Protection
Fixed Programmable Delay Timer
Fixed OVP Threshold
Available Range From 3.85 V to 4.6 V
Fixed OVP Delay Option: 4 s or 6.5 s
High-Accuracy Overvoltage Protection:
±10 mV
Low Power Consumption ICC ≈ 1 µA
(VCELL(ALL) < VPROTECT)
Low Leakage Current per Cell Input < 100 nA
Small Package Footprint
6-Pin SON
2 Applications
Second-Level Protection in Li-Ion Battery Packs
in:
Tablets
Slates
Power Tools
Notebook Computers
Portable Equipment and Instrumentation
3 Description
The bq2945xx family of products is a secondary-level
voltage monitor and protector for Li-Ion battery pack
systems. Each cell is monitored independently for an
overvoltage condition. Based on the configuration, an
output is triggered after a fixed delay if any of the two
or three cells has an overvoltage condition. This
output is triggered into a high state after an
overvoltage condition satisfies the specified delay
timer.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq2945xx
SON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - BQ294582

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294582 TI-BQ294582 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294582 TI-BQ294582 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294582 TI-BQ294582 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294582DRVR TI-BQ294582DRVR Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294582DRVR TI-BQ294582DRVR Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results

Similar Description - BQ294582

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502_V02 Datasheet
1Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
REVISED AUGUST 2022
BQ294502 TI-BQ294502_V01 Datasheet
2Mb / 24P
[Old version datasheet]   BQ2945xy Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_17 Datasheet
1Mb / 33P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com