Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17318Q2T Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17318Q2T
Description  30-V N-Channel NexFET Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17318Q2T Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD17318Q2T Datasheet HTML 4Page - Texas Instruments CSD17318Q2T Datasheet HTML 5Page - Texas Instruments CSD17318Q2T Datasheet HTML 6Page - Texas Instruments CSD17318Q2T Datasheet HTML 7Page - Texas Instruments CSD17318Q2T Datasheet HTML 8Page - Texas Instruments CSD17318Q2T Datasheet HTML 9Page - Texas Instruments CSD17318Q2T Datasheet HTML 10Page - Texas Instruments CSD17318Q2T Datasheet HTML 11Page - Texas Instruments CSD17318Q2T Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
M0175-02
D
1
1
3
3
4
4
6
6
b
Top View
Bottom View
Front View
Pin 1 Dot
Pin 1 ID
e
D1
K3
K1
D2
K2
2
5
2
5
7
Pinout
Source
4, 7
Gate
3
Drain
1, 2, 5, 6, 8
8
8
CSD17318Q2
SLPS667 – FEBRUARY 2017
www.ti.com
Product Folder Links: CSD17318Q2
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7 Mechanical, Packaging, and Orderable Information
7.1 Q2 Package Dimensions
DIM
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.700
0.750
0.800
0.028
0.030
0.032
A1
0.000
0.050
0.000
0.002
b
0.250
0.300
0.350
0.010
0.012
0.014
C
0.203 TYP
0.008 TYP
D
2.000 TYP
0.080 TYP
D1
0.900
0.950
1.000
0.036
0.038
0.040
D2
0.300 TYP
0.012 TYP
E
2.000 TYP
0.080 TYP
E1
0.900
1.000
1.100
0.036
0.040
0.044
E2
0.280 TYP
0.0112 TYP
E3
0.470 TYP
0.0188 TYP
e
0.650 BSC
0.026 TYP
K
0.280 TYP
0.0112 TYP
K1
0.350 TYP
0.014 TYP
K2
0.200 TYP
0.008 TYP
K3
0.200 TYP
0.008 TYP
K4
0.470 TYP
0.0188 TYP
L
0.200
0.250
0.300
0.008
0.010
0.012


Similar Part No. - CSD17318Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17310Q5A TI-CSD17310Q5A Datasheet
367Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17310Q5A TI1-CSD17310Q5A Datasheet
1Mb / 23P
[Old version datasheet]   Using the TPS51916EVM-746 Complete DDR2, DDR3
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
CSD17311Q5 TI-CSD17311Q5_1 Datasheet
374Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFET
More results

Similar Description - CSD17318Q2T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17575Q3 TI-CSD17575Q3_15 Datasheet
961Kb / 15P
[Old version datasheet]   CSD17575Q3 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com