Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27750DRZR Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ27750DRZR
Description  Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27750DRZR Datasheet(HTML) 5 Page - Texas Instruments

  BQ27750DRZR Datasheet HTML 1Page - Texas Instruments BQ27750DRZR Datasheet HTML 2Page - Texas Instruments BQ27750DRZR Datasheet HTML 3Page - Texas Instruments BQ27750DRZR Datasheet HTML 4Page - Texas Instruments BQ27750DRZR Datasheet HTML 5Page - Texas Instruments BQ27750DRZR Datasheet HTML 6Page - Texas Instruments BQ27750DRZR Datasheet HTML 7Page - Texas Instruments BQ27750DRZR Datasheet HTML 8Page - Texas Instruments BQ27750DRZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
5
bq27750
www.ti.com
SLUSCM7 – JUNE 2017
Product Folder Links: bq27750
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
bq27750
UNIT
VSON (DRZ)
12 PINS
RθJA, High K
Junction-to-ambient thermal resistance
186.4
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
90.4
RθJB
Junction-to-board thermal resistance
110.7
ψJT
Junction-to-top characterization parameter
96.7
ψJB
Junction-to-board characterization parameter
90
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
Dependent on the use of the correct firmware (FW) configuration
6.5 Supply Current
Typical values stated where TA = 25ºC, Min/Max values stated where TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
INORMAL
(1)
NORMAL mode
CHG = ON, DSG = ON, No Flash Write
250
µA
ISLEEP
(1)
SLEEP mode
CHG = OFF, DSG = OFF, No Communication on
Bus
100
ISHUTDOWN
SHUTDOWN mode
0.5
2
µA
6.6 Power Supply Control
Typical values stated where TA = 25ºC, Min/Max values stated where TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VSWITCHOVER–
BAT to PACK
switchover voltage
VBAT < VSWITCHOVER–
2.0
2.1
2.2
V
VSWITCHOVER+
PACK to BAT
switchover voltage
VBAT > VSWITCHOVER– + VHYS
3.0
3.1
3.2
V
VHYS
Switchover voltage
hysteresis
VSWITCHOVER+ – VSWITCHOVER–
1000
mV
ILKG
Input Leakage
current
BAT pin, BAT = 0 V, PACK = 25 V
1
µA
PACK pin, BAT = 25 V, PACK = 0 V
1
BAT and PACK pins, BAT = 0 V, PACK = 0 V,
PBI = 25 V
1
RPACK(PD)
Internal pulldown
resistance
PACK
30
40
50
6.7 Low-Voltage General Purpose I/O, TS1
Typical values stated where TA = 25ºC, Min/Max values stated where TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VIH
High-level input
0.65 x VREG
V
VIL
Low-level input
0.35 x VREG
V
VOH
Output voltage high
IOH = – 1.0 mA
0.75 x VREG
V
VOL
Output voltage low
IOL = 1.0 mA
0.2 x VREG
V
CIN
Input capacitance
5
pF
ILKG
Input leakage
current
1
µA


Similar Part No. - BQ27750DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27750DRZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
[Old version datasheet]   Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
[Old version datasheet]   Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
[Old version datasheet]   Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
[Old version datasheet]   BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
[Old version datasheet]   BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
[Old version datasheet]   BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
[Old version datasheet]   BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
[Old version datasheet]   BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
[Old version datasheet]   bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com