Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27750 Datasheet(PDF) 6 Page - Texas Instruments

Part # BQ27750
Description  Impedance Track Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27750 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ27750 Datasheet HTML 2Page - Texas Instruments BQ27750 Datasheet HTML 3Page - Texas Instruments BQ27750 Datasheet HTML 4Page - Texas Instruments BQ27750 Datasheet HTML 5Page - Texas Instruments BQ27750 Datasheet HTML 6Page - Texas Instruments BQ27750 Datasheet HTML 7Page - Texas Instruments BQ27750 Datasheet HTML 8Page - Texas Instruments BQ27750 Datasheet HTML 9Page - Texas Instruments BQ27750 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
bq27750
SLUSCM7 – JUNE 2017
www.ti.com
Product Folder Links: bq27750
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Power-On Reset (POR)
Typical values stated where TA = 25ºC, Min/Max values stated where TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VREGIT–
Negative-going voltage
input
VREG
1.51
1.55
1.59
V
VHYS
Power-on reset
hysteresis
VREGIT+ – VREGIT–
70
100
130
mV
tRST
Power-on reset time
200
300
400
µs
6.9
Internal 1.8-V LDO
Typical values stated where TA = 25ºC, Min/Max values stated where TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VREG
Regulator voltage
1.6
1.8
2.0
V
ΔVO(TEMP)
Regulator output over
temperature
ΔVREG/ΔTA, IREG = 10 mA
±0.25%
ΔVO(LINE)
Line regulation
ΔVREG/ΔVBAT, VBAT = 10 mA
–0 .6%
0.5%
ΔVO(LOAD)
Load regulation
ΔVREG/ΔIREG, IREG = 0 mA to 10 mA
–1.5%
1.5%
IREG
Regulator output
current limit
VREG = 0.9 x VREG(NOM), VIN > 2.2 V
20
mA
ISC
Regulator short-circuit
current limit
VREG = 0 x VREG(NOM)
25
40
50
mA
PSRRREG
Power supply rejection
ratio
ΔVBAT/ΔVREG, IREG = 10 mA, VIN > 2.5 V, f = 10 Hz
40
dB
VSLEW
Slew rate enhancement
voltage threshold
VREG
1.58
1.65
V
6.10 Current Wake Comparator
Typical values stated where TA = 25ºC, Min/Max values stated where TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
VWAKE
Wake voltage
threshold
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 0,0
±0.3
±0.625
±0.9
mV
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 0,1
±0.6
±1.25
±1.8
mV
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 1,0
±1.2
±2.5
±3.6
mV
VWAKE = VSRP – VSRN WAKE_CONTROL[WK1, WK0]
= 1,1
±2.4
±5.0
±7.2
mV
VWAKE(DRIFT)
Temperature drift of
VWAKE accuracy
0.5%
°C
tWAKE
Time from application
of current to wake
0.25
0.5
ms
tWAKE(SU)
Wake up comparator
startup time
[WKCHGEN] = 0 and [WKDSGEN] = 0 to
[WKCHGEN] = 1 and [WKDSGEN] = 1
250
640
µs
6.11 Coulomb Counter
Typical values stated where TA = 25ºC, Min/Max values stated where TA = –40ºC to 85ºC (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Input voltage range
–100
100
mV
Full scale range
–VREF1/10
+VREF1/10
mV
Differential nonlinearity
16-bit, No missing codes
±1
LSB
Integral nonlinearity
16-bit, Best fit over input voltage range
±5.2
±22.3
LSB
Offset error
16-bit, Post-calibration
±1.3
±2.6
LSB
Offset error drift
15-bit + sign, Post-calibration
0.04
0.07
LSB/°C


Similar Part No. - BQ27750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27Z561-R1_1904 TI1-BQ27Z561-R1_1904 Datasheet
1Mb / 26P
[Old version datasheet]   Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z561 TI1-BQ27Z561 Datasheet
908Kb / 24P
[Old version datasheet]   Impedance Track Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ27Z561-R1 TI1-BQ27Z561-R1 Datasheet
492Kb / 24P
[Old version datasheet]   Impedance Track battery gas gauge solution for 1-series cell li-ion battery packs
BQ27Z746 TI-BQ27Z746 Datasheet
1Mb / 30P
[Old version datasheet]   BQ27Z746 Impedance Track??Technology Battery Gas Gauge and Protection Solution for 1-Series Cell Li-Ion Battery Packs
SLUSDW2 ??NOVEMBER 2021
BQ27Z561-R2 TI-BQ27Z561-R2 Datasheet
851Kb / 22P
[Old version datasheet]   BQ27Z561-R2 Impedance Track??Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs
BQ28Z620 TI-BQ28Z620 Datasheet
1Mb / 39P
[Old version datasheet]   BQ28Z620 Impedance Track™ Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
DECEMBER 2022
BQ28Z610-R1 TI1-BQ28Z610-R1 Datasheet
840Kb / 32P
[Old version datasheet]   BQ28Z610-R1 Impedance Track??Gas Gauge and Protection Solution for 1-Series to 2-Series Cell Li-Ion Battery Packs
BQ27Z558 TI1-BQ27Z558 Datasheet
1Mb / 27P
[Old version datasheet]   BQ27Z558 Impedance Track™ Battery Gas Gauge Solution for 1-Series Cell Li-Ion Battery Packs, with 1.2-V IO Support
NOVEMBER 2023
BQ28Z560-R1 TI1-BQ28Z560-R1 Datasheet
1Mb / 60P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge and Protection
BQ28550 TI1-BQ28550 Datasheet
582Kb / 33P
[Old version datasheet]   bq28550 Single Cell Li-Ion Battery Gas Gauge and Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com