Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMC1303E2510 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1303E2510
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1303E2510 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1303E2510 Datasheet HTML 3Page - Texas Instruments AMC1303E2510 Datasheet HTML 4Page - Texas Instruments AMC1303E2510 Datasheet HTML 5Page - Texas Instruments AMC1303E2510 Datasheet HTML 6Page - Texas Instruments AMC1303E2510 Datasheet HTML 7Page - Texas Instruments AMC1303E2510 Datasheet HTML 8Page - Texas Instruments AMC1303E2510 Datasheet HTML 9Page - Texas Instruments AMC1303E2510 Datasheet HTML 10Page - Texas Instruments AMC1303E2510 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
6
10
)
(
u
¸¸
¹
·
¨¨
©
§
u TempRange
value
value
value
ppm
TCE
MIN
MAX
G
TempRange
value
value
TCE
MIN
MAX
O
7
AMC1303E0510, AMC1303M0510, AMC1303E0520, AMC1303M0520
AMC1303E2510, AMC1303M2510, AMC1303E2520, AMC1303M2520
www.ti.com
SBAS771 – JUNE 2017
Product Folder Links: AMC1303E0510 AMC1303M0510 AMC1303E0520 AMC1303M0520 AMC1303E2510
AMC1303M2510 AMC1303E2520 AMC1303M2520
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Steady-state voltage supported by the device in case of a system failure. See the specified common-mode input voltage VCM for normal
operation. Observe analog input voltage range as specified in the Absolute Maximum Ratings table.
(2)
This parameter is the –3-dB, second-order, roll-off frequency of the integrated differential input amplifier to consider for antialiasing filter
designs.
(3)
Integral nonlinearity is defined as the maximum deviation from a straight line passing through the end-points of the ideal ADC transfer
function expressed as number of LSBs or as a percent of the specified linear full-scale range FSR.
(4)
Offset error drift is calculated using the box method as described by the following equation:
.
(5)
Gain error drift is calculated using the box method as described by the following equation:
7.9 Electrical Characteristics: AMC1303x25x
minimum and maximum specifications apply from TA = –40°C to +125°C, AVDD = 3.0 V to 5.5 V, DVDD = 2.7 V to 5.5 V,
AINP = –250 mV to 250 mV, AINN = AGND, and sinc
3 filter with OSR = 256 (unless otherwise noted); typical specifications
are at TA = 25°C, AVDD = 5 V, and DVDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
VClipping
Differential input voltage before clipping
output
VIN = AINP – AINN
±320
mV
FSR
Specified linear differential full-scale
VIN = AINP – AINN
–250
250
mV
Absolute common-mode input voltage(1)
(AINP + AINN) / 2 to AGND
–2
AVDD
V
VCM
Operating common-mode input voltage
(AINP + AINN) / 2 to AGND
–0.16
AVDD – 2.1
V
VCMov
Common-mode overvoltage detection level
(AINP + AINN) / 2 to AGND
AVDD – 2
V
Hysteresis of common-mode overvoltage
detection level
90
mV
CIN
Single-ended input capacitance
AINN = AGND
2
pF
CIND
Differential input capacitance
1
pF
RIN
Single-ended input resistance
AINN = AGND
19
RIND
Differential input resistance
22
IIB
Input bias current
AINP = AINN = AGND, IIB = IIBP + IIBN
–82
–60
–48
µA
IIO
Input offset current
±5
nA
CMTI
Common-mode transient immunity
50
100
kV/µs
CMRR
Common-mode rejection ratio
AINP = AINN, fIN = 0 Hz,
VCM min ≤ VIN ≤ VCM max
–98
dB
AINP = AINN, fIN from 0.1 Hz to 50 kHz,
VCM min ≤ VIN ≤ VCM max
–98
PSRR
Power-supply rejection ratio
AINP = AINN = AGND, 3.0 V
≤ AVDD ≤ 5.5 V,
at dc
–97
dB
AINP = AINN = AGND, 3.0 V
≤ AVDD ≤ 5.5 V,
10-kHz, 100-mV ripple
–94.5
BW
Input bandwidth(2)
AMC1303x2510
510
kHz
AMC1303x2520
900
DC ACCURACY
DNL
Differential nonlinearity
Resolution: 16 bits
–0.99
0.99
LSB
INL
Integral nonlinearity(3)
Resolution: 16 bits
–4
±1
4
LSB
EO
Offset error
Initial, at TA = 25°C, AINP = AINN = AGND
–100
±4.5
100
µV
TCEO
Offset error thermal drift(4)
–1
±0.15
1
μV/°C
EG
Gain error
Initial, at TA = 25°C
–0.2%
–0.005%
0.2%
TCEG
Gain error thermal drift(5)
–40
±20
40
ppm/°C
AC ACCURACY
SNR
Signal-to-noise ratio
AMC1303x2510, fIN = 35 Hz
85
87
dB
AMC1303x2520, fIN = 35 Hz
84.5
86.5
THD
Total harmonic distortion
AMC1303x2510, fIN = 35 Hz
–97
–86
dB
AMC1303x2520, fIN = 35 Hz
–101
–86
SFDR
Spurious-free dynamic range
fIN = 35 Hz
98
dB


Similar Part No. - AMC1303E2510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B TI1-AMC1300B Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWV TI1-AMC1300BDWV Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWVR TI1-AMC1300BDWVR Datasheet
1Mb / 35P
[Old version datasheet]   Precision, -250-mV Input, Reinforced Isolated Amplifier
More results

Similar Description - AMC1303E2510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05_017 TI1-AMC1306E05_017 Datasheet
689Kb / 38P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com