Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY85614-11 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY85614-11
Description  4.9 to 5.9 GHz SPDT Switch with Low-Noise Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY85614-11 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY85614-11 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY85614-11 Datasheet HTML 2Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
204410A • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 18, 2016
1
PRODUCT SUMMARY
SKY85614-11: 4.9 to 5.9 GHz SPDT Switch with Low-Noise
Amplifier
Applications
 802.11 a/n WLANs
 5 GHz ISM radios
 Smartphones
 Notebooks, netbooks, and tablets
 Routers, access points, and gateways
 Wireless video systems
Features
 Low noise figure: 1.9 dB
 Frequency range: 4.9 to 5.9 GHz
 High IIP3: +11 dBm
 High gain: 17 dB
 Bypass mode with 6 dB insertion loss
 High transmit to receive isolation for high-power applications
 Small QFN (16-pin, 2.3 x 2.3 mm) package
(MSL1, 260
C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to
Skyworks
Definition of GreenTM, document number
SQ04–0074.
203611-001
LNA_IN
C0
TX_IN
LNA_OUT
VDD
ANT
RX_OUT
C1
Bias and Logic
Figure 1. SKY85614-11 Block Diagram
Description
The SKY85614-11 is an integrated, single-pole double-throw
(SPDT) switch with a low-noise amplifier (LNA) intended for
wireless applications. The device has a low noise figure (NF) and
offers the ability to add custom filtering between the switch and
LNA blocks.
The SKY85614-11 operates at 5.0 V and draws 31 mA of current.
In the transmit mode, a shutdown function saves power when the
device is inactive.
The FEM is manufactured in a compact, 2.3 x 2.3 mm, 16-pin
Quad Flat No-Lead (QFN) package. The small footprint provides
the industry’s smallest PCB area needed to implement an
integrated broadband SPDT switch with LNA functionality.
A functional block diagram is shown in Figure 1.


Similar Part No. - SKY85614-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85601-21 SKYWORKS-SKY85601-21 Datasheet
690Kb / 12P
   4.9 to 5.9 GHz SPDT Switch with Low-Noise Amplifier
June 30, 2017
SKY85601-21EK1 SKYWORKS-SKY85601-21EK1 Datasheet
690Kb / 12P
   4.9 to 5.9 GHz SPDT Switch with Low-Noise Amplifier
June 30, 2017
SKY85605-11 SKYWORKS-SKY85605-11 Datasheet
189Kb / 2P
   4.9 to 5.9 GHz SPDT Switch with Low-Noise Amplifier
SKY85608-11 SKYWORKS-SKY85608-11 Datasheet
652Kb / 9P
   5 GHz, 802.11ac Switch-Low-Noise Amplifier
More results

Similar Description - SKY85614-11

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY85605-11 SKYWORKS-SKY85605-11 Datasheet
189Kb / 2P
   4.9 to 5.9 GHz SPDT Switch with Low-Noise Amplifier
SKY85601-21 SKYWORKS-SKY85601-21 Datasheet
690Kb / 12P
   4.9 to 5.9 GHz SPDT Switch with Low-Noise Amplifier
June 30, 2017
SKY65507-11 SKYWORKS-SKY65507-11 Datasheet
76Kb / 2P
   4.9-5.9 GHz SPDT Switch With Low-Noise Amplifier
logo
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
List of Unclassifed Man...
SZA-5044 ETC-SZA-5044 Datasheet
267Kb / 8P
   4.9 - 5.9 GHz 5V Power Amplifier
logo
Skyworks Solutions Inc.
SKY85201-11 SKYWORKS-SKY85201-11 Datasheet
189Kb / 2P
   2.4 to 2.5 GHz SPDT Switch with Low-Noise Amplifier
logo
Mimix Broadband
XP1044-QL MIMIX-XP1044-QL Datasheet
200Kb / 5P
   4.9-5.9 GHz 3W Power Amplifier Module
logo
Microchip Technology
SST11CP15E MICROCHIP-SST11CP15E Datasheet
174Kb / 17P
   4.9-5.9 GHz High-Linearity Power Amplifier
2013 05/13
SST11CP15 MICROCHIP-SST11CP15 Datasheet
181Kb / 18P
   4.9-5.9 GHz High-Linearity Power Amplifier
08/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com