Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC0805K151R075 Datasheet(PDF) 1 Page - Kemet Corporation

Part # VC0805K151R075
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC0805K151R075 Datasheet(HTML) 1 Page - Kemet Corporation

  VC0805K151R075 Datasheet HTML 1Page - Kemet Corporation VC0805K151R075 Datasheet HTML 2Page - Kemet Corporation VC0805K151R075 Datasheet HTML 3Page - Kemet Corporation VC0805K151R075 Datasheet HTML 4Page - Kemet Corporation VC0805K151R075 Datasheet HTML 5Page - Kemet Corporation VC0805K151R075 Datasheet HTML 6Page - Kemet Corporation VC0805K151R075 Datasheet HTML 7Page - Kemet Corporation VC0805K151R075 Datasheet HTML 8Page - Kemet Corporation VC0805K151R075 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
One world. One KEMET
Benefits
• Surface mount form factor
• Operatingambienttemperatureof−55°Cto+125°C
• Operating voltage range of 3 to 170 VDC
• Available case sizes: 0603, 0805, 1206, 1210, 1812, 2220
• Short response time
• Broad range of current and energy handling capabilities
• Low clamping voltage – Uc
• Non-sensitivetomildlyactivatedfluxes
• Barrier type and terminations solderable with Pb-free
solders according to JEDEC J–STD–020C and IEC
60068–2–58
• UL 1499, 3rd edition and CSA C22.2 File E326499
Section 8
• RoHS 2 2011/65/EC, REACH compliant
• AEC-Q200qualifiedGrade1
Overview
KEMET's VC series of low voltage varistors are designed
to protect sensitive electronic devices against high voltage
surges in the low voltage region. VC varistors offer excellent
transient energy absorption due to improved energy volume
distribution and power dissipation.
Applications
Typical applications include mobile phones and
telecommunication infrastructure, I/O ports and controllers.
The protection of integrated circuits and other components
at the circuit board level including the suppression of
inductive switching or other transient events such as surge
voltage. ESD protection for components sensitive to IEC
1000–4–2, MILSTD 883C Method 3015.7 and other industry
specifications.Replacementoflargersurfacemount
TVS Zeners in many applications. Designed to achieve
electromagnetic compliance of end products and provide
on-board transient voltage protection of ICs and transistors.
Surface Mount Varistors
VC Series Low Voltage 125°C
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - VC0805K151R075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0805K121R011 KEMET-VC0805K121R011 Datasheet
57Kb / 1P
   KEMET, VC, Varistors, Low Voltage, 14 V, 11 VAC, 18 V, 33 V, 1 A, 120 A, 300 mJ, 5000 uW
VC0805K121R014 KEMET-VC0805K121R014 Datasheet
53Kb / 1P
   Varistors, VC, Low Voltage, 18 V, 14 VAC, 22 V, 38 V, 1 Amps, 120 Amps, 400 mJ, 5000 uW
VC0805K121R020 KEMET-VC0805K121R020 Datasheet
53Kb / 1P
   Varistors, VC, Low Voltage, 26 V, 20 VAC, 33 V, 54 V, 1 Amps, 120 Amps, 400 mJ, 5000 uW
More results

Similar Description - VC0805K151R075

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com