Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC-05-20J Datasheet(PDF) 1 Page - Kemet Corporation

Part # SC-05-20J
Description  SC Coils, SC-J Terminal Base Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

SC-05-20J Datasheet(HTML) 1 Page - Kemet Corporation

  SC-05-20J Datasheet HTML 1Page - Kemet Corporation SC-05-20J Datasheet HTML 2Page - Kemet Corporation SC-05-20J Datasheet HTML 3Page - Kemet Corporation SC-05-20J Datasheet HTML 4Page - Kemet Corporation SC-05-20J Datasheet HTML 5Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
LF0006_SC-J • 6/16/2014
One world. One KEMET
Benefits
• Widevarietyofsizesandspecifications
• Inductances up to 8 mH
• Rated Currents up to 18 A
• DCResistancesaslowas7mΩ
Overview
TheKEMETSCCoils,SC-JTerminalBaseTypeAClinefilters
areofferedinawidevarietyofsizesandspecifications.
Applications
• Consumer Electronics
• Common mode choke
AC Line Filters
SC Coils, SC-J Terminal Base Type
Part Number System
SC-
10-
20
J
Series
Rated Current (A)
Minimum Inductance (mH)
Terminal Base Type
SC-
0x- = x A (e.g., 02- = 2 A)
x0- = x0 A (e.g., 10- = 10 A)
xx- = xx A (e.g., 15- = 15 A)
Note: Code 05 can equal 5 A as well
as 4 A
x0 = x mH (e.g., 20 = 2 mH)
xx = x.x mH (e.g., 15 = 1.5 mH)
0x = 0.x mH (e.g., 05 = 0.5 mH)
J
AC Line Filters
14
Common mode
• Rated voltage: 250VAC/VDC
• Withstanding voltage: AC 2400V (2 sec between lines)
• Insulation resistance: at 500VDC, more than 100M (between lines)
• Thermal class: A (105˚C) or *E (120˚C)
• Operating temperature range (˚C): –25 to T (T=105–temperature rise *T=120–temperature rise)
• Inductance measurement condition:100kHz, 1mA, KC547
Shape and Dimensions
[mm]
Model
DC resistance
(m /line)
max.
Temperature
rise(K)
max.
Inductance
(mH)
min.
Weight
approx.
(g)
Rated
current
(A)
Frequency characteristic
Finished dimensions(mm)
b
H(max.)
OD(max.)
T(max.)
a
Wire size
(mmø)
OD
T
(a)
(b)
(a)
SC Coils – Terminal Base Type
SC-J Type
[RoHS Compliant]
SC Coils – Terminal Base Type
SC-J Type
[RoHS Compliant]
SC-02-10J ※
40
25
27
15
2
100
1
15
20
10
0.6
SC-02-20J ※
40
25
27
15
2
110
2
15
20
10
0.6
SC-02-30J ※
40
25
27
15
2
110
3
16
20
10
0.6
SC-02-50J ※
40
25
27
15
2
120
5
20
20
10
0.6
SC-05-10J ※
40
25
27
15
5
50
1
20
20
10
0.8
SC-05-20J ※
40
34
33
16
5
70
2
25
23
18
0.8
SC-05-30J ※
55
34
33
16
5
70
3
30
23
18
0.8
SC-05-50J ※
60
34
33
16
4
80
5
32
23
18
0.8
SC-05-80J ※
60
34
33
16
4
90
8
42
23
18
0.8
SC-10-10J
40
34
33
17
10
20
1
42
23
12
1.3
SC-10-20J
50
42
44
22
10
22
2
70
29
18
1.4
SC-10-30J ※
75
34
33
16
10
30
3
65
24
18
1.2
SC-12-15J
50
42
44
22
12
18
1.5
70
29
18
1.5
SC-15-05J ※
60
34
33
16
15
8
0.5
40
23
18
1.5
SC-15-10J
55
44
44
22
15
12
1
75
30
18
1.7
SC-18-05J
50
44
30
44
18
22
1.8
18
7
0.5
60
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
33
02-30J
02-50J
02-20J
02-10J
02-30J
02-50J
02-20J
02-10J
33
1M
100K
10K
1K
100
10
1
Frequency (Hz)
1K
10K
100K
1M
10M 30M
3
6
1
3
6
1
3
6
1
3
6
1
1
3
6
1
3
6
3
6
1
3
61
3
6
1
3
61
33
05-20J
05-30J
05-50J
05-80J
05-20J
05-30J
05-50J
05-80J
05-10J
10-30J


Similar Part No. - SC-05-20J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-05-20J KEMET-SC-05-20J Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-05-20J KEMET-SC-05-20J Datasheet
92Kb / 1P
   KEMET, SC-J, AC Line Filters, Common Mode, 2000 uH
More results

Similar Description - SC-05-20J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
SC-02-10J KEMET-SC-02-10J_V01 Datasheet
1Mb / 20P
   Common Mode SC Coils, SC-J Series, Terminal Base Type
SC-10-20JH KEMET-SC-10-20JH Datasheet
367Kb / 4P
   SC Coils, SC-JH Terminal Base Type
SC-02-300JV KEMET-SC-02-300JV Datasheet
307Kb / 4P
   SC Coils, SC-JV Terminal Base Type
SC-02-20JS KEMET-SC-02-20JS Datasheet
334Kb / 4P
   SC Coils, SC-JS Terminal Base Type
SC-02-30GJ KEMET-SC-02-30GJ Datasheet
398Kb / 5P
   SC Coils, SC-GJ Terminal Base Type
logo
LEM
SC-01-E150G LEM-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
logo
Kemet Corporation
SC-01-E150G KEMET-SC-01-E150G Datasheet
442Kb / 5P
   SC Coils, SC-G/GS Small Type
SC-10-D050 KEMET-SC-10-D050 Datasheet
423Kb / 4P
   SC Coils, SC-D High Frequency Type
SC-10-200 KEMET-SC-10-200 Datasheet
477Kb / 6P
   SC Coils, Standard Type
SC-01-06G KEMET-SC-01-06G_V01 Datasheet
509Kb / 9P
   Common Mode SC Coils, SC-G/GS Series, Small Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com