Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LURFSDGM3392-R6-TBS-X Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LURFSDGM3392-R6-TBS-X
Description  DURL COLOR LED LAMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LURFSDGM3392-R6-TBS-X Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LURFSDGM3392-R6-TBS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 7Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 8Page - LIGITEK electronics co., ltd. LURFSDGM3392-R6-TBS-X Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Max.
2200
1500
2700
4000
3400
DGM Bin Code
A22
A24
A26
A25
A27
Group
2700
1100
Luminous Intensity(mcd) at 20 mA
Min.
1800
2200
3400
6200
4000
3400
Brightness Code For Standard LED Lamps
Min.
Luminous Intensity(mcd) at 20 mA
2700
5000
Group
A30
A28
A29
A27
A26
PART NO. LURFSDGM3392/R6/TBS-X
URF(S) Bin Code
6200
7700
5000
3400
4000
Max.
Page 4/8
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
A23
1500
1800


Similar Part No. - LURFSDGM3392-R6-TBS-X

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
LURF1060 SMC-LURF1060 Datasheet
139Kb / 5P
   ULTRAFAST PLASTIC RECTIFIER
logo
SMC Diode Solutions Co....
LURF1060 SMCDIODE-LURF1060 Datasheet
201Kb / 4P
   LURF1060 ULTRAFAST RECTIFIER
Rev. A
logo
LIGITEK electronics co....
LURF13433S-PF LIGITEK-LURF13433S-PF Datasheet
124Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13533-PF LIGITEK-LURF13533-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LURFSDGM3392-R6-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LHRFVG3392-PF LIGITEK-LHRFVG3392-PF Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LSEFG3393-PF LIGITEK-LSEFG3393-PF Datasheet
128Kb / 7P
   DURL COLOR LED LAMPS
LVYSBKS3392-R2 LIGITEK-LVYSBKS3392-R2 Datasheet
118Kb / 7P
   DURL COLOR LED LAMPS
LHRF9UG3393-R1-PF LIGITEK-LHRF9UG3393-R1-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSBKS9SEF3393 LIGITEK-LSBKS9SEF3393 Datasheet
102Kb / 6P
   DURL COLOR LED LAMPS
LSRFDGM3392-D1-A-J LIGITEK-LSRFDGM3392-D1-A-J Datasheet
172Kb / 9P
   DURL COLOR LED LAMPS
LURF9UG3392-PF LIGITEK-LURF9UG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFDGM3392 LIGITEK-LSRFDGM3392 Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LVYDBK3392-R2 LIGITEK-LVYDBK3392-R2 Datasheet
122Kb / 7P
   DURL COLOR LED LAMPS
LVYVG3392-PF LIGITEK-LVYVG3392-PF Datasheet
125Kb / 7P
   DURL COLOR LED LAMPS
LSRFSBKS3392 LIGITEK-LSRFSBKS3392 Datasheet
121Kb / 7P
   DURL COLOR LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com