Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK2643Z Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LWK2643Z
Description  ROUND TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK2643Z Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LWK2643Z Datasheet HTML 1Page - LIGITEK electronics co., ltd. LWK2643Z Datasheet HTML 2Page - LIGITEK electronics co., ltd. LWK2643Z Datasheet HTML 3Page - LIGITEK electronics co., ltd. LWK2643Z Datasheet HTML 4Page - LIGITEK electronics co., ltd. LWK2643Z Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK2643Z Datasheet HTML 6Page - LIGITEK electronics co., ltd. LWK2643Z Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Fig.5 Luminous Spectrum(Ta=25
)
Typical Electro-Optical Characteristics Curve
1.0
3.0
4.0
0 1
Wavelength (nm)
0.5
20
Ambient Temperature(
)
Ambient Temperature(
)
0
-20
-40
0.8
0
-40
-20
100
80
60
40
20
0.0
60
100
80
40
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
Forward Current(mA)
Forward Voltage(V)
2.0
5.0
1
10
0.0
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
2.5
3.0
1
10
100
1000
WK CHIP
SPECTRAL RADIANCE
80
400
500
600
40
20
60
100
700
800
0
Page 4/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LWK2643Z


Similar Part No. - LWK2643Z

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK2643 LIGITEK-LWK2643 Datasheet
139Kb / 6P
   ROUND TYPE LED LAMPS
LWK2643-F288 LIGITEK-LWK2643-F288 Datasheet
113Kb / 7P
   ROUND TYPE LED LAMPS
LWK2643-F485 LIGITEK-LWK2643-F485 Datasheet
145Kb / 7P
   ROUND TYPE LED LAMPS
More results

Similar Description - LWK2643Z

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8I2041-PF LIGITEK-L8I2041-PF Datasheet
116Kb / 6P
   ROUND TYPE LED LAMPS
L8SEF3330-PF LIGITEK-L8SEF3330-PF Datasheet
131Kb / 6P
   ROUND TYPE LED LAMPS
L8G2040-PF LIGITEK-L8G2040-PF Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LUY2040 LIGITEK-LUY2040 Datasheet
103Kb / 5P
   ROUND TYPE LED LAMPS
LDBK12740 LIGITEK-LDBK12740 Datasheet
70Kb / 5P
   ROUND TYPE LED LAMPS
LDBK13733-OD LIGITEK-LDBK13733-OD Datasheet
112Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13740 LIGITEK-LDBK13740 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK13742-OD LIGITEK-LDBK13742-OD Datasheet
115Kb / 6P
   ROUND TYPE LED LAMPS
LDBK32243 LIGITEK-LDBK32243 Datasheet
111Kb / 6P
   ROUND TYPE LED LAMPS
LDBK42443Z-S10 LIGITEK-LDBK42443Z-S10 Datasheet
114Kb / 6P
   ROUND TYPE LED LAMPS
LDBK63233-P1 LIGITEK-LDBK63233-P1 Datasheet
99Kb / 5P
   ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com