Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LWK3333-P1-TBS-X Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LWK3333-P1-TBS-X
Description  TAPE AND BOX TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LWK3333-P1-TBS-X Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LWK3333-P1-TBS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LWK3333-P1-TBS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LWK3333-P1-TBS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LWK3333-P1-TBS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LWK3333-P1-TBS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LWK3333-P1-TBS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LWK3333-P1-TBS-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Note : 1.All dimension are in millimeter tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
PART NO. LWK3333/P1/TBS-X
Page 1/6
Package Dimensions
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LWK3333/P1
P
P1
W1 W3
D
T
F
H1
L W0
W2
P2
ΔH
H2
+ -
5.9
5.0
7.6
8.6
12.8
±0.5
25.0MIN
1.0MIN
2.54TYP
0.5
TYP
1.5MAX


Similar Part No. - LWK3333-P1-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LWK3333-P1 LIGITEK-LWK3333-P1 Datasheet
145Kb / 7P
   ROUND TYPE LED LAMPS
More results

Similar Description - LWK3333-P1-TBS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LHIR2042-S78-PF-TBS-X LIGITEK-LHIR2042-S78-PF-TBS-X Datasheet
172Kb / 10P
   TAPE AND BOX TYPE LED LAMPS
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com