Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT3021R Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HAT3021R
Description  Silicon N/P Channel Power MOS FET Power Switching
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3021R Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HAT3021R_16 Datasheet HTML 3Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 4Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 5Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 6Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 7Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 8Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 9Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 10Page - Renesas Technology Corp HAT3021R_16 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
HAT3021R
page 7 of 10
• P Channel
4.0
3.0
2.0
1.0
0
50
100
150
200
10
1
0.1
110
100
–5.0
–2.5
0–5
–10
–5
–4
–3
–2
–1
0
–2
–4
–6
–8
–10
0.01
100
VGS = -2.8 V
Tc = 75
°C
25
°C
−25°C
Ambient Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS
(V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage
VGS
(V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
-3.0 V
-4.5 V
-10 V
0.1
0.001
100
µs
1 ms
PW
= 10
ms
(1shot)
Ta = 25
°C
1 shot Pulse
10
µs
Note
4
DC
Opera
tion
(PW
≤ 10
s)
Operation in
this area is
limited by RDS(on)
Test Condition :
When using the glass epoxy board
(FR4 40x40x1.6 mm), PW < 10 s
Note 4 :
When using the glass epoxy board
(FR4 40x40x1.6 mm)
–1000
–600
–800
–400
–200
0
–4
–8
–20
–12
–16
–0.1
–1
–10
100
10
ID = –2 A
–1 A
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
Pulse Test
Pulse Test
–0.5 A
1000
VGS = –4.5 V
–10 V


Similar Part No. - HAT3021R_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R_15 Datasheet
167Kb / 13P
   Silicon N/P Channel Power MOS FET Power Switching
More results

Similar Description - HAT3021R_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT3021R RENESAS-HAT3021R Datasheet
146Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_16 Datasheet
257Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3019R RENESAS-HAT3019R Datasheet
535Kb / 11P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R_15 Datasheet
163Kb / 12P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3029R RENESAS-HAT3029R Datasheet
147Kb / 10P
   Silicon N/P Channel Power MOS FET Power Switching
HAT3021R RENESAS-HAT3021R_15 Datasheet
167Kb / 13P
   Silicon N/P Channel Power MOS FET Power Switching
HAT1048R RENESAS-HAT1048R Datasheet
37Kb / 5P
   Silicon P Channel Power MOS FET Power Switching
HAT1072H RENESAS-HAT1072H_05 Datasheet
177Kb / 7P
   Silicon P Channel Power MOS FET Power Switching
HAT1069C RENESAS-HAT1069C_15 Datasheet
84Kb / 6P
   Silicon P Channel Power MOS FET Power Switching
HAT1127H RENESAS-HAT1127H_15 Datasheet
106Kb / 9P
   Silicon P Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com