Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0610JSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJF0610JSP
Description  60V , 1.5A Silicon N channel Thermal FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0610JSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJF0610JSP_16 Datasheet HTML 1Page - Renesas Technology Corp RJF0610JSP_16 Datasheet HTML 2Page - Renesas Technology Corp RJF0610JSP_16 Datasheet HTML 3Page - Renesas Technology Corp RJF0610JSP_16 Datasheet HTML 4Page - Renesas Technology Corp RJF0610JSP_16 Datasheet HTML 5Page - Renesas Technology Corp RJF0610JSP_16 Datasheet HTML 6Page - Renesas Technology Corp RJF0610JSP_16 Datasheet HTML 7Page - Renesas Technology Corp RJF0610JSP_16 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJF0610JSP
Target Specifications
R07DS0568EJ0301 Rev.3.01
Page 5 of 7
Sep 06, 2016
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (1 Drive Operation)
10
μ
100
μ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – f (t) = γ s (t) • θch – f
θch – f = 125°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
Pulse Width PW (S)
Normalized Transient Thermal Impedance vs. Pulse Width (2 Drive Operation)
10
μ
100
μ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1shot
pulse
PDM
PW
T
D =
PW
T
θch – f (t) = γ s (t) • θch – f
θch – f = 166°C/W, Ta = 25°C
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
200
180
160
140
120
0
100
24
6
8
10
ID = 0.2 A
Shutdown Case Temperature vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)


Similar Part No. - RJF0610JSP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0610JSP RENESAS-RJF0610JSP_12 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP_15 Datasheet
104Kb / 8P
   Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - RJF0610JSP_16

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0610DSP RENESAS-RJF0610DSP_16 Datasheet
289Kb / 8P
   60V , 1.5A Silicon N channel Thermal FET
RJF0614JSP RENESAS-RJF0614JSP Datasheet
237Kb / 8P
   60V, 1.5A N Channel Thermal FET Power Switching
RJF0614DSP RENESAS-RJF0614DSP_15 Datasheet
113Kb / 8P
   60V, 1.5A N Channel Thermal FET Power Switching
RJF0614DSP RENESAS-RJF0614DSP Datasheet
255Kb / 8P
   60V, 1.5A N Channel Thermal FET Power Switching
Nov 27, 2013
RJG0601JSP RENESAS-RJG0601JSP Datasheet
394Kb / 13P
   ±60V, ±1.5A, N Channel, P Channel Thermal FET Power Switching
Nov 01, 2016
RJF0604DPD RENESAS-RJF0604DPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE_15 Datasheet
101Kb / 8P
   60V-40A Silicon N Channel Thermal FET
RJF0612JPE RENESAS-RJF0612JPE_15 Datasheet
106Kb / 8P
   60V - 50A - N Channel Thermal FET
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0604JPD RENESAS-RJF0604JPD_15 Datasheet
105Kb / 8P
   60V, 5A Silicon N Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com