Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSP8814 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSP8814
Description  Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSP8814 Datasheet(HTML) 1 Page - ON Semiconductor

  NSP8814 Datasheet HTML 1Page - ON Semiconductor NSP8814 Datasheet HTML 2Page - ON Semiconductor NSP8814 Datasheet HTML 3Page - ON Semiconductor NSP8814 Datasheet HTML 4Page - ON Semiconductor NSP8814 Datasheet HTML 5Page - ON Semiconductor NSP8814 Datasheet HTML 6Page - ON Semiconductor NSP8814 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2017
February, 2017 − Rev. 0
1
Publication Order Number:
NSP8814/D
NSP8814, NSP8818
Transient Voltage
Suppressors
Low Capacitance Surge Protection for
High Speed Data
The NSP8814 and NSP8818 transient voltage suppressors are
designed specifically to protect 10/100 and GbE Ethernet signals from
high levels of surge current. Low clamping voltage under high surge
conditions make this device an ideal solution for protecting voltage
sensitive lines leading to Ethernet transceiver chips. Low capacitance
combined with flow-through style packaging allows for easy PCB
layout and matched trace lengths necessary to maintain consistent
impedance between high-speed differential lines. The integrated 4 and
8 lines of protection in flow-thru type packages offer a simplified
solution with premier performance for 10/100 and GbE Ethernet
applications.
Features
Protection for the Following IEC Standards:
IEC 61000−4−2 (ESD)
±30 kV (Contact)
IEC61000−4−5 (Lightning) 35 A (8/20
ms)
Flow−Thru Routing Scheme
2 pF Max, I/O to I/O
UL Flammability Rating of 94 V−0
This is a Pb−Free Device
Typical Applications
10/100 and GbE Ethernet
MagJacks® / Integrated Magnetics
Notebooks/Desktops/Servers
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Operating Junction Temperature Range
TJ
− 55 to +125
°C
Storage Temperature Range
Tstg
− 55 to +150
°C
Lead Solder Temperature −
Maximum (10 Seconds)
TL
260
°C
IEC 61000−4−2 Contact (ESD)
IEC 61000−4−2 Air (ESD)
ESD
±30
±30
kV
kV
Maximum Peak Pulse Current
8/20
ms @ TA = 25°C
10/700
ms @ TA = 25°C
IPP
35
20
A
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
See Application Note AND8308/D for further description of survivability specs.
MARKING
DIAGRAMS
Device
Package
Shipping
ORDERING INFORMATION
UDFN8
CASE 506CV
www.onsemi.com
NSP8814MUTAG
UDFN8
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
UDFN10
CASE 506CU
NSP8818MUTAG
UDFN10
(Pb−Free)
3000 / Tape & Reel
4C M
G
XX = Specific Device Code
M
= Date Code
G
= Pb−Free Package
4D M
G


Similar Part No. - NSP8814

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP820M2.5D2ATRF NIC-NSP820M2.5D2ATRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M2.5D2TRF NIC-NSP820M2.5D2TRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M2.5D2XATRF NIC-NSP820M2.5D2XATRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M2.5D2XTRF NIC-NSP820M2.5D2XTRF Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
NSP820M25D2ATRF NIC-NSP820M25D2ATRF Datasheet
257Kb / 6P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
More results

Similar Description - NSP8814

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com