Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VC0603M122R050 Datasheet(PDF) 7 Page - Kemet Corporation

Part # VC0603M122R050
Description  Surface Mount Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VC0603M122R050 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button VC0603M122R050 Datasheet HTML 3Page - Kemet Corporation VC0603M122R050 Datasheet HTML 4Page - Kemet Corporation VC0603M122R050 Datasheet HTML 5Page - Kemet Corporation VC0603M122R050 Datasheet HTML 6Page - Kemet Corporation VC0603M122R050 Datasheet HTML 7Page - Kemet Corporation VC0603M122R050 Datasheet HTML 8Page - Kemet Corporation VC0603M122R050 Datasheet HTML 9Page - Kemet Corporation VC0603M122R050 Datasheet HTML 10Page - Kemet Corporation VC0603M122R050 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0002_VC • 10/26/2016
Surface Mount Varistors
VC Series Low Voltage 125°C
Table 1 – Ratings & Part Number Reference (cont'd)
KEMET Part
Number
L
(mm)
W
(mm)
t
max
(mm) Vrms VDC
V
n
1 mA Vc
I
c
8/20 µs
(A)
W
max
10/1000 µs
(J)
P
max
(W)
I
max
8/20 µs
(A)
C
typ
at 1 kHz
(pF)
L
typ
100 mA/ns
(nH)
VC1812K801R020
4.7 ± 0.40 3.20 ± 0.30 1.55
20
26
33
54
5
3.0
0.015
800
3000
2.5
VC2220K122R020
5.7 ± 0.50 5.00 ± 0.40 1.45
20
26
33
54
10
8.0
0.020
1200
6500
3.0
VC0603K300R025
1.6 ± 0.20 0.80 ± 0.10
0.95
25
31
39
65
1
0.1
0.003
30
165
1.0
VC0805K121R025
2.0 ± 0.25 1.25 ± 0.20
1.05
25
31
39
65
1
0.2
0.005
120
260
1.5
VC1206K201R025
3.2 ± 0.30 1.60 ± 0.20
1.25
25
31
39
65
1
1.0
0.008
200
510
1.8
VC1210K401R025
3.2 ± 0.30 2.50 ± 0.25 1.45
25
31
39
65
3
1.8
0.010
400
1060
1.8
VC1812K801R025
4.7 ± 0.40 3.20 ± 0.30 1.55
25
31
39
65
5
3.9
0.015
800
2300
2.5
VC2220K122R025
5.7 ± 0.50 5.00 ± 0.40 1.45
25
31
39
65
10
9.5
0.020
1200
5000
3.0
VC0603K300R030
1.6 ± 0.20 0.80 ± 0.10
0.95
30
38
47
77
1
0.1
0.003
30
160
1.0
VC0805K121R030
2.0 ± 0.25 1.25 ± 0.20
1.05
30
38
47
77
1
0.2
0.005
120
230
1.5
VC1206K201R030
3.2 ± 0.30 1.60 ± 0.20
1.25
30
38
47
77
1
1.2
0.008
200
450
1.8
VC1210K301R030
3.2 ± 0.30 2.50 ± 0.25 1.45
30
38
47
77
3
2.1
0.010
300
850
1.8
VC1812K801R030
4.7 ± 0.40 3.20 ± 0.30 1.55
30
38
47
77
5
4.4
0.015
800
1800
2.5
VC2220K122R030
5.7 ± 0.50 5.00 ± 0.40 1.45
30
38
47
77
10
12.2
0.020
1200
4000
3.0
VC1206K121R035
3.2 ± 0.30 1.60 ± 0.20
1.25
35
45
56
90
1
0.6
0.008
120
400
1.8
VC1210K251R035
3.2 ± 0.30 2.50 ± 0.25 1.45
35
45
56
90
3
2.2
0.010
250
670
1.8
VC1812K601R035
4.7 ± 0.40 3.20 ± 0.30 1.55
35
45
56
90
5
4.2
0.015
600
1340
2.5
VC2220K102R035
5.7 ± 0.50 5.00 ± 0.40 1.45
35
45
56
90
10
7.6
0.020
1000
3000
3.0
VC1206K121R040
3.2 ± 0.30 1.60 ± 0.20
1.25
40
56
68
110
1
0.8
0.008
120
370
1.8
VC1210K251R040
3.2 ± 0.30 2.50 ± 0.25 1.45
40
56
68
110
3
2.4
0.010
250
570
1.8
VC1812K601R040
4.7 ± 0.40 3.20 ± 0.30 1.55
40
56
68
110
5
4.8
0.015
600
1000
2.5
VC2220K102R040
5.7 ± 0.50 5.00 ± 0.40 1.45
40
56
68
110
10
9.2
0.020
1000
2200
3.0
VC1206K121R050
3.2 ± 0.30 1.60 ± 0.20
1.65
50
65
82
135
1
0.8
0.008
120
340
1.8
VC1210K251R050
3.2 ± 0.30 2.50 ± 0.25 1.75
50
65
82
135
3
1.7
0.010
250
470
1.8
VC1812K401R050
4.7 ± 0.40 3.20 ± 0.30 1.85
50
65
82
135
5
4.8
0.015
400
710
2.5
VC2220K801R050
5.7 ± 0.50 5.00 ± 0.40 1.85
50
65
82
135
10
5.8
0.020
800
1500
3.0
VC1206K121R060
3.2 ± 0.30 1.60 ± 0.20
1.65
60
85
100
165
1
0.9
0.008
120
330
1.8
VC1210K251R060
3.2 ± 0.30 2.50 ± 0.25 1.75
60
85
100
165
3
2.2
0.010
250
390
1.8
VC1812K401R060
4.7 ± 0.40 3.20 ± 0.30 1.85
60
85
100
165
5
5.8
0.015
400
580
2.5
VC2220K801R060
5.7 ± 0.50 5.00 ± 0.40 1.85
60
85
100
165
10
6.2
0.020
800
1000
3.0
VC1812K401R075
4.7 ± 0.40 3.20 ± 0.30 1.90
75
100
120
200
5
5.8
0.015
400
440
2.5
VC2220K801R075
5.7 ± 0.50 5.00 ± 0.40 1.90
75
100
120
200
10
6.2
0.020
800
700
3.0
VC1812K301R095
4.7 ± 0.40 3.20 ± 0.30 1.90
95
125
150
250
5
5.2
0.015
300
340
2.5
VC2220K501R095
5.7 ± 0.50 5.00 ± 0.40 1.90
95
125
150
250
10
7.4
0.020
500
600
3.0
VC1812K301R115
4.7 ± 0.40 3.20 ± 0.30 1.90
115
150
180
300
5
5.2
0.015
300
310
2.5
VC2220K501R115
5.7 ± 0.50 5.00 ± 0.40 1.90
115
150
180
300
10
7.4
0.020
500
560
3.0
VC2220K501R130
5.7 ± 0.50 5.00 ± 0.40 1.90
130
170
205
340
10
7.4
0.020
500
500
3.0


Similar Part No. - VC0603M122R050

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC060303A100 AVX-VC060303A100 Datasheet
484Kb / 10P
   TransGuard짰 AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
496Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
501Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC060303A100 AVX-VC060303A100 Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results

Similar Description - VC0603M122R050

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com