Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUG4841-S5-PF-TBS-1 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LUG4841-S5-PF-TBS-1
Description  TAPE AND BOX TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LUG4841-S5-PF-TBS-1 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LUG4841-S5-PF-TBS-1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LUG4841-S5-PF-TBS-1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LUG4841-S5-PF-TBS-1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LUG4841-S5-PF-TBS-1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LUG4841-S5-PF-TBS-1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LUG4841-S5-PF-TBS-1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LUG4841-S5-PF-TBS-1 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
Green
MATERIAL
PART NO
LUG4841/S5-PF/TBS-1
AlGaInP
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Dominant
wave
length
λdnm
GreenTransparent
Emitted
Lens
574
20
2.6
Max.
1.5
Min.
15
Min.
120
50
Typ.
COLOR
Absolute Maximum Ratings at Ta=25
Page 2/6
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LUG4841/S5-PF/TBS-1
UNIT
Green
mW
mA
V
μA
75
65
10
25
mA
Symbol
IFP
PD
Ir
ESD
IF
Ratings
2000
Parameter
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Reverse Current @5V
Forward Current
Electrostatic Discharge( * )
Tstg
-40 ~ +100
Storage Temperature
-40 ~ +85
Operating Temperature
Topr


Similar Part No. - LUG4841-S5-PF-TBS-1

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUG44D SUNLED-LUG44D Datasheet
172Kb / 4P
   4mm SOLID STATE LAMP
More results

Similar Description - LUG4841-S5-PF-TBS-1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LDBK2640-TBS-X LIGITEK-LDBK2640-TBS-X Datasheet
122Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG2641-P1-PF-TBS-X LIGITEK-LVG2641-P1-PF-TBS-X Datasheet
135Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDBK3333-H0-TBS LIGITEK-LDBK3333-H0-TBS Datasheet
90Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LI2341-PF-TBS-3 LIGITEK-LI2341-PF-TBS-3 Datasheet
145Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LI2640-S79-PF-TBS-X LIGITEK-LI2640-S79-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LPT3323-TBS-X-PF LIGITEK-LPT3323-TBS-X-PF Datasheet
111Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LVG13743-PF-TBS-X LIGITEK-LVG13743-PF-TBS-X Datasheet
132Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LDGM32840-S4-TBS-X LIGITEK-LDGM32840-S4-TBS-X Datasheet
157Kb / 6P
   TAPE AND BOX TYPE LED LAMPS
LG3330-H0-PF-TBS-X LIGITEK-LG3330-H0-PF-TBS-X Datasheet
126Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
LHIR2042-S78-PF-TBS-X LIGITEK-LHIR2042-S78-PF-TBS-X Datasheet
172Kb / 10P
   TAPE AND BOX TYPE LED LAMPS
LHY22840-S11-PF-TBS-1 LIGITEK-LHY22840-S11-PF-TBS-1 Datasheet
121Kb / 7P
   TAPE AND BOX TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com