Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QCN-7 Datasheet(PDF) 2 Page - Mini-Circuits

Part # QCN-7
Description  Ultra-Small Ceramic Power Splitters/Combiners 2 Way-90째 50??330 to 3400 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

QCN-7 Datasheet(HTML) 2 Page - Mini-Circuits

  QCN-7 Datasheet HTML 1Page - Mini-Circuits QCN-7 Datasheet HTML 2Page - Mini-Circuits QCN-7 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
QCN-12A
INSERTION LOSS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
800
850
900
950 1000 1050 1100 1150 1200 1250
FREQUENCY (MHz)
S-1
S-2
QCN-12A
ISOLATION
14.5
15.0
15.5
16.0
16.5
17.0
17.5
800
850
900
950 1000 1050 1100 1150 1200 1250
FREQUENCY (MHz)
QCN-12A
PHASE UNBALANCE
85
87
89
91
93
95
800
850
900
950 1000 1050 1100 1150 1200 1250
FREQUENCY (MHz)
QCN-5
INSERTION LOSS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
330
380
430
480
530
580
FREQUENCY (MHz)
S-1
S-2
QCN-5
ISOLATION
0
5
10
15
20
25
30
330
380
430
480
530
580
FREQUENCY (MHz)
QCN-5
PHASE UNBALANCE
85
87
89
91
93
95
330
380
430
480
530
580
FREQUENCY (MHz)
QCN-7
INSERTION LOSS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
425 450 475 500 525 550 575 600 625 650 675
FREQUENCY (MHz)
S-1
S-2
QCN-7
ISOLATION
13.5
14.0
14.5
15.0
15.5
16.0
16.5
425 450 475 500 525 550 575 600 625 650 675
FREQUENCY (MHz)
QCN-7
PHASE UNBALANCE
85
86
87
88
89
90
425 450 475 500 525 550 575 600 625 650 675
FREQUENCY (MHz)
QCN-12
INSERTION LOSS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
800
900
1000
1100
1200
1300
1400
FREQUENCY (MHz)
S-1
S-2
QCN-12
ISOLATION
0
5
10
15
20
25
800
900
1000
1100
1200
1300
1400
FREQUENCY (MHz)
QCN-12
PHASE UNBALANCE
80
81
82
83
84
85
800
900
1000
1100
1200
1300
1400
FREQUENCY (MHz)
QCN-19
INSERTION LOSS
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
FREQUENCY (MHz)
S-1
S-2
QCN-19
ISOLATION
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
FREQUENCY (MHz)
QCN-19
PHASE UNBALANCE
85
87
89
91
93
95
1100 1200 1300 1400 1500 1600 1700 1800 1900 2000
FREQUENCY (MHz)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
QCN-SERIES
Page 2 of 3


Similar Part No. - QCN-7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
QCN-7++ MINI-QCN-7+ Datasheet
279Kb / 1P
   POWER SPLITTER/COMBINERS
QCN-7D MINI-QCN-7D Datasheet
283Kb / 1P
   Power Splitter/Combiner
More results

Similar Description - QCN-7

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX10-SERIES MINI-ZX10-SERIES Datasheet
136Kb / 1P
   Power Splitters/Combiners 2 Way-0째, 50??2 to 12600 MHz
SCN-SERIES MINI-SCN-SERIES Datasheet
194Kb / 2P
   Power Splitters/Combiners 2 Way-0째 50??800 to 2700 MHz
ZX10-4-SERIES MINI-ZX10-4-SERIES Datasheet
290Kb / 2P
   Power Splitters/Combiners 4 Way-0째 50??800 to 2700 MHz
SBTC-2-25_25L MINI-SBTC-2-25_25L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??1000 to 2500 MHz
SBTC-2-10_10L MINI-SBTC-2-10_10L Datasheet
97Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??5 to 1000 MHz
SBTC-2-20_20L MINI-SBTC-2-20_20L Datasheet
99Kb / 1P
   Power Splitter/Combiners 2 Way-0째 50??200 to 2000 MHz
PSC-4-1 MINI-PSC-4-1 Datasheet
82Kb / 2P
   POWER SPLITTERS/COMBINERS
K1-SCG MINI-K1-SCG Datasheet
566Kb / 1P
   Power Splitters & Combiners
REV. OR
QCC-22 MINI-QCC-22 Datasheet
110Kb / 1P
   Power Splitter/Combiner 2 Way-90째 50??1500 to 2500 MHz
HPQ-04 MINI-HPQ-04 Datasheet
67Kb / 2P
   POWER SPLITTERS/COMBINERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com