Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2MW Datasheet(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # S2MW
Description  Surface Mount General Purpose Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

S2MW Datasheet(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd.

  S2MW Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. S2MW Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. S2MW Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Marking
Type number
Marking code
S2AW
S2BW
S2DW
S2GW
S2JW
S2KW
S2MW
2A1
2A2
2A3
2A4
2A5
2A6
2A7
Page 3 of 3
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-123FL
A
∠ALL ROUND
V
A
M
UNIT
mm
1.1
0.20
2.9
1.9
3.8
0.9
0.12
2.6
1.7
3.5
max
min
mil
max
min
43
35
7.9
4.7
114
102
75
67
150
138
A
C
D
E
HE
1.1
0.8
43
31
e
Bottom View
HE
∠ALL ROUND
E
D
g
Top View
0.9
0.7
35
28
g
g
The recommended mounting pad size
2.0
(79)
1.2
(47)
mm
(mil)
Unit:
1.2
(47)
S2AW THRU S2MW
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
2016 Rev 1.0


Similar Part No. - S2MW

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
S2MW YFWDIODE-S2MW Datasheet
77Kb / 3P
   Surface MountGeneral Purpose Silicon Rectifiers
logo
Zibo Seno Electronic En...
S2MW ZSELEC-S2MW Datasheet
87Kb / 2P
   2.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Gaomi Xinghe Electronic...
S2MW GXELECTRONICS-S2MW Datasheet
442Kb / 2P
   Surface Mount General Purpose Silicon Rectifiers
logo
Shenzhen Yixinwei Techn...
S2MW YIXIN-S2MW Datasheet
240Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Nantong Hornby Electron...
S2MW HORNBY-S2MW Datasheet
227Kb / 3P
   SURFACE MOUNT GENERAL PURPOSE RECTIFIERS
More results

Similar Description - S2MW

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
M1-SMAF YFWDIODE-M1-SMAF_17 Datasheet
417Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Xian Semipower Electron...
S1ABF SEMIPOWER-S1ABF Datasheet
120Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
S2AF SEMIPOWER-S2AF Datasheet
135Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S1ABF-SMBF YFWDIODE-S1ABF-SMBF Datasheet
417Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
S2AW-SOD123FL YFWDIODE-S2AW-SOD123FL Datasheet
418Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Gaomi Xinghe Electronic...
S3A GXELECTRONICS-S3A Datasheet
496Kb / 2P
   Surface Mount General Purpose Silicon Rectifiers
logo
Shanghai Yint Electroni...
S3AB YINT-S3AB Datasheet
494Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com