Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNA-5 Datasheet(PDF) 2 Page - Mini-Circuits

Part # MNA-5
Description  Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MNA-5 Datasheet(HTML) 2 Page - Mini-Circuits

  MNA-5 Datasheet HTML 1Page - Mini-Circuits MNA-5 Datasheet HTML 2Page - Mini-Circuits MNA-5 Datasheet HTML 3Page - Mini-Circuits MNA-5 Datasheet HTML 4Page - Mini-Circuits MNA-5 Datasheet HTML 5Page - Mini-Circuits MNA-5 Datasheet HTML 6Page - Mini-Circuits MNA-5 Datasheet HTML 7Page - Mini-Circuits MNA-5 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Page 2 of 8
Outline Dimensions (
)
inch
mm
Outline Drawing
A
B
CDE
F
G
HJ
.118
.118
.035
.008
.067
.067
.012
.046
.016
3.00
3.00
0.89
0.20
1.70
1.70
0.30
1.17
0.41
K
L
M
N
P
Q
R
S
T
wt.
.026
.148
.148
.067
.012
.031
.067
.061
.041
grams
0.66
3.76
3.76
1.70
0.30
0.79
1.70
1.55
1.04
.02
MNA-SERIES
Suggested PCB Layout (PL-078)
Biasing configuration
DC SUPPLY
33 OHM
1000 pF
RF OUT
5
7
8
3, 4 & PADDLE
RF IN
2


Similar Part No. - MNA-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MNA-5A MINI-MNA-5A Datasheet
281Kb / 5P
   Monolithic Amplifier
MNA-5A++ MINI-MNA-5A+ Datasheet
281Kb / 5P
   Monolithic Amplifier
MNA-5A-D MINI-MNA-5A-D Datasheet
307Kb / 7P
   Monolithic Amplifier Die
MNA-5A-D++ MINI-MNA-5A-D+ Datasheet
307Kb / 7P
   Monolithic Amplifier Die
MNA-5A-DF++ MINI-MNA-5A-DF+ Datasheet
307Kb / 7P
   Monolithic Amplifier Die
More results

Similar Description - MNA-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-M-SERIES MINI-ZX60-M-SERIES Datasheet
146Kb / 2P
   High Isolation Amplifiers 50?? 0.5 to 5.9 GHz
VNA-23 MINI-VNA-23 Datasheet
134Kb / 1P
   High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
DG03-168 MINI-DG03-168 Datasheet
79Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 4 W Amplifiers
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
   5.2 to 5.9 GHz
logo
Mini-Circuits
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
logo
WOLFSPEED, INC.
CMPA5259050F WOLFSPEED-CMPA5259050F Datasheet
856Kb / 11P
   50 W, 4.9 – 5.9 GHz, 28 V, GaN MMIC for Radar Power Amplifiers
Rev. 2.2, November 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com