Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MNA-3 Datasheet(PDF) 7 Page - Mini-Circuits

Part # MNA-3
Description  Monolithic Amplifiers High Directivity, 50?? 0.5 to 5.9 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MNA-3 Datasheet(HTML) 7 Page - Mini-Circuits

  MNA-3 Datasheet HTML 1Page - Mini-Circuits MNA-3 Datasheet HTML 2Page - Mini-Circuits MNA-3 Datasheet HTML 3Page - Mini-Circuits MNA-3 Datasheet HTML 4Page - Mini-Circuits MNA-3 Datasheet HTML 5Page - Mini-Circuits MNA-3 Datasheet HTML 6Page - Mini-Circuits MNA-3 Datasheet HTML 7Page - Mini-Circuits MNA-3 Datasheet HTML 8Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
MNA-6 Performance Curves
MNA-6
GAIN
17.0
18.0
19.0
20.0
21.0
22.0
23.0
24.0
25.0
26.0
27.0
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY (MHz)
2.8V
5V
MNA-6
DIRECTIVITY
10
15
20
25
30
35
40
45
50
500
750
1000
1250
1500
1750
2000
2250
2500
FREQUENCY (MHz)
2.8V
5V
MNA-6
VSWR (IN)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY (MHz)
2.8V
5V
MNA-6
VSWR(OUT)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY (MHz)
2.8V
5V
MNA-6
1 dB COMPRESSION
4
6
8
10
12
14
16
18
20
500
700
900
1100
1300
1500
1700
1900
2100
2300
2500
FREQUENCY(MHz)
2.8V
5V
Page 7 of 8


Similar Part No. - MNA-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MNA-3A MINI-MNA-3A Datasheet
296Kb / 5P
   Monolithic Amplifier
MNA-3A++ MINI-MNA-3A+ Datasheet
296Kb / 5P
   Monolithic Amplifier
MNA-3A-D MINI-MNA-3A-D Datasheet
264Kb / 7P
   Monolithic Amplifier Die
MNA-3A-D++ MINI-MNA-3A-D+ Datasheet
264Kb / 7P
   Monolithic Amplifier Die
MNA-3A-DF++ MINI-MNA-3A-DF+ Datasheet
264Kb / 7P
   Monolithic Amplifier Die
More results

Similar Description - MNA-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX60-M-SERIES MINI-ZX60-M-SERIES Datasheet
146Kb / 2P
   High Isolation Amplifiers 50?? 0.5 to 5.9 GHz
VNA-23 MINI-VNA-23 Datasheet
134Kb / 1P
   High Directivity Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
DG03-168 MINI-DG03-168 Datasheet
79Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
DG03-166 MINI-DG03-166 Datasheet
69Kb / 2P
   MONOLITHIC AMPLIFIERS 50??BROADBAND DC to 8 GHz
logo
Transcom, Inc.
TA053-059-38-36 TRANSCOM-TA053-059-38-36 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 4 W Amplifiers
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
   5.2 to 5.9 GHz
logo
Mini-Circuits
VNA-21 MINI-VNA-21 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-22 MINI-VNA-22 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
VNA-28 MINI-VNA-28 Datasheet
134Kb / 1P
   Monolithic Amplifier 50OHM 0.5 to 2.5 GHz
logo
WOLFSPEED, INC.
CMPA5259050F WOLFSPEED-CMPA5259050F Datasheet
856Kb / 11P
   50 W, 4.9 – 5.9 GHz, 28 V, GaN MMIC for Radar Power Amplifiers
Rev. 2.2, November 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com