Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY66113-11 Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # SKY66113-11
Description  2.4 GHz Bluetooth Low Energy/802.15.4/ Thread/ZigBee Front-End Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY66113-11 Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

  SKY66113-11_17 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY66113-11_17 Datasheet HTML 9Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DATA SHEET • SKY66113-11: BLUETOOTH LOW ENERGY/802.15.4/THREAD/ZIGBEE FEM
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
May 10, 2017 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 203670F
Table 7. SKY66113-11 Evaluation Board Bill of Materials (BOM)
Component
Value
Manufacturer
Mfr Part Number
Package
Description
C2, C9
13 pF
Murata
GRM1555C1H130JA01D
0402
Ceramic capacitor, 13 pF, 5%, C0G, 50 V, 0402
C3
1 nF
Various
Various
0402
Ceramic capacitor, 1000 pF, 10%, X7R, 50 V, 0402
C8
0.1 uF
Various
Various
0402
Ceramic capacitor, 0.1 uF, 10%, X7R, 16 V, 0402
C10, C12
10 pF
Various
Various
0402
Ceramic capacitor, 10 pF, 2%, C0G, 50 V, 0402
C14
4.7 uF
Various
Various
0402
Ceramic capacitor, 4.7 uF, 20%, X5R, 10 V, 0402
R6 R4
1 k
Ω
Various
Various
0402
Resistor, 1000 ohm, 5%, 0.063 W, 0402
J1 J2
Johnson Components
142-0701-851
End launch
SMA end launch straight jack receptacle
J3
Samtec
TSW-112-07-G-D
100 mil
100 mil header
2.7 mm
Pin 16
Stencil aperture size for
center ground pad should be 80% to 100%
(by area) of the solder mask opening
Metallization
Solder Mask Opening
Stencil Aperture
Notes:
1. All dimensions are in millimeters, unless otherwise specified.
2. Thermal vias should be resin filled and capped in accordance with IPC-4761Type VII vias.
Recommended Cu thickness is 30 to 35 µm.
Thermal via array
ø0.3 mm on 0.6 mm pitch
improves thermal performance
Package Outline
10X 0.45 mm
12X 0.2 mm
Pin 1
Pin 1 Indicator
0.20 x 45°
Pitch 0.5 mm
1 mm
2.8 mm
Opening size of 60% to 100%
of the exposed center opening shown
Package Outline
2.8 mm
Pitch 0.5 mm
Pin 16
203670-006
Pin 1
2.7 mm
10X 0.45 mm
1 mm
2.7 mm
5X 0.45 mm
11X 0.2 mm
2.7 mm
6X 0.45 mm
Pitch 0.6 mm
Package Outline
Pitch 0.5 mm
10X 0.55 mm
10X 0.55 mm
Pin 16
Pin 1
12X 0.3 mm
Pin 1 Indicator
0.20 x 45°
2X 0.5 mm
2X 0.5 mm
0.25 mm Typ
Pitch 0.6 mm
Figure 6. SKY66113-11 PCB Layout Footprint


Similar Part No. - SKY66113-11_17

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
More results

Similar Description - SKY66113-11_17

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY66114-11 SKYWORKS-SKY66114-11 Datasheet
161Kb / 2P
   2.4 GHz Bluetooth Low Energy /802.15.4/Zigbee Front-End Module
SKY66113-11 SKYWORKS-SKY66113-11 Datasheet
160Kb / 2P
   2.4 GHz Bluetooth Low Energy/802.15.4 /Zigbee Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11_17 Datasheet
922Kb / 14P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66112-11 SKYWORKS-SKY66112-11 Datasheet
163Kb / 2P
   2.4 GHz ZigBee/Thread/Bluetooth Smart Front-End Module
SKY66404-11 SKYWORKS-SKY66404-11 Datasheet
172Kb / 2P
   2.4 GHz Front-End Module for Zigbee/ Thread/ Bluetooth Applications
SKY66108-11 SKYWORKS-SKY66108-11 Datasheet
1Mb / 13P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66109-11 SKYWORKS-SKY66109-11_15 Datasheet
555Kb / 14P
   2.4 GHz ZigBee/Smart Energy Front-End Module
SKY66403-11 SKYWORKS-SKY66403-11 Datasheet
1Mb / 15P
   2.4 GHz Front-End Module for Zigbee Technology Applications/Thread/Bluetooth® Applications
February 27, 2023
logo
Nordic Semiconductor
NRF52840 NORDIC-NRF52840 Datasheet
318Kb / 2P
   High-end multiprotocol Bluetooth Low Energy (LE) SoC supporting: Bluetooth 5.3/Bluetooth mesh/Thread/ Zigbee/802.15.4/ANT
Version 3.0
logo
Dorji Industrial Group ...
DZM5168M DORJI-DZM5168M Datasheet
293Kb / 17P
   2.4-GHz Low Energy Zigbee Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com