Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE25QA160G Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE25QA160G
Description  16M BIT SPI NOR FLASH
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QA160G Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE25QA160G Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QA160G Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ACE25QA160G
16M BIT SPI NOR FLASH
VER 1.1
5
SPI Operation
Standard SPI Instructions
The ACE25QA160G features a serial peripheral interface on 4 signals bus: Serial Clock (SCLK), Chip
Select (/CS), Serial Data Input (SI) and Serial Data Output (SO). Both SPI bus mode 0 and 3 are supported.
Input data is latched on the rising edge of SCLK and data shifts out on the falling edge of SCLK.
Dual SPI Instructions
The ACE25QA160G
supports Dual SPI operation when using the “Dual Output Fast Read” (3BH)
instructions. These instructions allow data to be transferred to or from the device at two times the rate of the
standard SPI. When using the Dual SPI instruction the SI and SO pins become bidirectional I/O pins: IO0
and I
Operation Features
Supply Voltage
(A)
Operating Supply Voltage
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage within the
specified [VCC (min), VCC (max)] range must be applied (see operating ranges). In order to secure a
stable DC supply voltage, it is recommended to decouple the VCC line with a suitable capacitor
(usually of the order of 10 nF to 100 nF) close to the VCC/VSS package pins. This voltage must
remain stable and valid until the end of the transmission of the instruction and, for a Write instruction,
until the completion of the internal write cycle (tW).
(B)
Power-up Conditions
When the power supply is turned on, VCC rises continuously from VSS to VCC. During this time, the
Chip Select (/CS) line is not allowed to float but should follow the VCC voltage, it is therefore
recommended to connect the /CS line to VCC via a suitable pull-up resistor.
In addition, the Chip Select (/CS) input offers a built-in safety feature, as the /CS input is edge
sensitive as well as level sensitive: after power-up, the device does not become selected until a falling
edge has first been detected on Chip Select (/CS). This ensures that Chip Select (/CS) must have
been High, prior to going Low to start the first operation.
(C)
Device Reset
In order to prevent inadvertent Write operations during power-up (continuous rise of VCC), a power on
reset (POR) circuit is included. At Power-up, the device does not respond to any instruction until VCC
has reached the power on reset threshold voltage (this threshold is lower than the minimum VCC
operating voltage defined in operating ranges).
When VCC has passed the POR threshold, the device is reset.


Similar Part No. - ACE25QA160G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QA100G ACE-ACE25QA100G Datasheet
1Mb / 28P
   1M BIT SPI NOR FLASH
VER 1.2
More results

Similar Description - ACE25QA160G

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE25QC160G ACE-ACE25QC160G Datasheet
3Mb / 73P
   16M BIT SPI NOR FLASH
VER 1.2
logo
E-CMOS Corporation
ECT25S16 E-CMOS-ECT25S16 Datasheet
2Mb / 45P
   16M BIT SPI NOR FLASH
logo
Shanghai Leiditech Elec...
BY25Q128AS LEIDITECH-BY25Q128AS Datasheet
2Mb / 73P
   128M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25C200G ACE-ACE25C200G Datasheet
1Mb / 48P
   2M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S40 E-CMOS-ECT25S40 Datasheet
2Mb / 46P
   4M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC640G ACE-ACE25QC640G Datasheet
2Mb / 56P
   64M BIT SPI NOR FLASH
VER 1.1
ACE25QA800G ACE-ACE25QA800G Datasheet
2Mb / 30P
   8M BIT SPI NOR FLASH
VER 1.1
logo
E-CMOS Corporation
ECT25S80 E-CMOS-ECT25S80 Datasheet
2Mb / 45P
   8M BIT SPI NOR FLASH
logo
ACE Technology Co., LTD...
ACE25QC128G ACE-ACE25QC128G Datasheet
2Mb / 56P
   128M BIT SPI NOR FLASH
VER 1.1
ACE25QA200G ACE-ACE25QA200G Datasheet
1Mb / 30P
   2M BIT SPI NOR FLASH
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com