Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV5256E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1LV5256E
Description  256Kb Advanced LPSRAM (32k word x 8bit)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV5256E Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1LV5256E_17 Datasheet HTML 1Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 2Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 3Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 4Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 5Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 6Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 7Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 8Page - Renesas Technology Corp R1LV5256E_17 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
R1LV5256E Series
R10DS0269EJ0100 Rev.1.00
Page 5 of 11
2017.1.27
DC Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Supply voltage
Vcc
2.7
3.0
3.6
V
Vss
0
0
0
V
Input high voltage
VIH
2.0
-
Vcc+0.3
V
Input low voltage
VIL
-0.3
-
0.6
V
1
Ambient temperature range
Ta
-40
-
+85
°C
Note
1. –3.0V for pulse ≤ 30ns (full width at half maximum)
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Input leakage current
| ILI |
-
-
1
A
Vin = Vss to Vcc
Output leakage current
| ILO |
-
-
1
A
CS# =VIH or OE# =VIH,
VI/O =Vss to Vcc
Average operating current
ICC1
-
14
25
mA
Min. cycle, duty =100%, II/O = 0mA,
CS# =VIL, Others = VIH/VIL
ICC2
-
2
5
mA
Cycle =1
s, duty =100%, II/O = 0mA,
CS# ≤ 0.2V,
VIH ≥ Vcc-0.2V, VIL ≤ 0.2V
Standby current
ISB
-
-
0.33
mA
CS# =VIH,
Others = Vss to Vcc
Standby current
ISB1
-
0.6*1
2
A
~+25°C
Vin = Vss to Vcc,
CS# ≥ Vcc-0.2V
-
-
3
A
~+40°C
-
-
8
A
~+70°C
-
-
10
A
~+85°C
Output high voltage
VOH
2.4
-
-
V
IOH = -0.5mA
VOH2
Vcc
- 0.5
-
-
V
IOH = -0.05mA
Output low voltage
VOL
-
-
0.4
V
IOL = 1mA
Note
1. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 25ºC), and not 100% tested.
Capacitance
(Vcc = 2.7V ~ 3.6V, f = 1MHz, Ta = -40 ~ +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Note
Input capacitance
C in
-
-
6
pF
Vin =0V
1
Input / output capacitance
C I/O
-
-
8
pF
VI/O =0V
1
Note
1. This parameter is sampled and not 100% tested.


Similar Part No. - R1LV5256E_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV5256E RENESAS-R1LV5256E_15 Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results

Similar Description - R1LV5256E_17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV5256E RENESAS-R1LV5256E Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E_15 Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_15 Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com