Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFCN-105D Datasheet(PDF) 1 Page - Mini-Circuits

Part # LFCN-105D
Description  Ceramic Low Pass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LFCN-105D Datasheet(HTML) 1 Page - Mini-Circuits

  LFCN-105D Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Outline Drawing
Maximum Ratings
Pin Connections
Features
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power Input*
8.5W max. at 25°C
DC Current Input to Output 0.5A max. at 25°C
RF IN
1**
RF OUT
3**
GROUND
2,4
**RF IN & RF OUT can be interchanged
Demo Board MCL P/N: TB-270
Suggested PCB Layout (PL-137)
Applications
Outline Dimensions (
)
inch
mm
• harmonic rejection
• VHF/UHF transmitters/receivers
• RF suppression for DC lines on PCB
• anti-aliasing for A/D converter
• excellent power handling, 8.5W
• small size
• 7 sections
• temperature stable
• patent pending
LFCN-105
DC-105
180
250
265-1650
4750
20
1.2
7
MODEL
NO.
PASSBAND
(MHz)
fco, MHz
Nom.
(loss 3 dB)
Typ.
STOP BAND (MHz)
(loss, dB)
(loss < 1 dB)
Max.
VSWR (:1)
Stopband
Typ.
Passband
Typ.
NO.OF
SECTIONS
f 20
Min.
fr 20
Typ.
40
Typ.
Typical Performance Data at 25°C
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
schematic
schematic
schematic
schematic
schematic
typical frequency response
typical frequency response
typical frequency response
typical frequency response
typical frequency response
*Passband rating, derate linearly to 3.5W at 100°C ambient.
fR 20 dB
20dB
3dB
40dB
1dB
FREQUENCY
f 20
f co
RF IN
RF OUT
A
B
C
D
E
F
G
.126
.063
.037
.020
.032
.009
.169
3.20
1.60
0.94
0.51
0.81
0.23
4.29
HJ
K
L
M
N
P
wt
.087
.024
.122
.024
.087
.012
.071 grams
2.21
0.61
3.10
0.61
2.21
0.30
1.80
.020
1.00
0.17
1.04
51.00
0.42
1.06
100.00
0.70
1.12
150.00
1.18
1.11
180.00
1.94
1.44
200.00
3.47
1.93
250.00
18.52
4.06
260.00
24.46
4.16
300.00
44.49
4.95
1050.00
62.21
96.51
1750.00
42.50
57.91
2550.00
28.22
26.74
3550.00
25.32
29.46
4050.00
22.87
35.46
4750.00
22.07
18.11
1. For Applications requiring DC voltage to be applied to the Input or output, use LFCN-105D (DC Resistance to
ground is 100 Mohms min.)
Low Pass Filter Electrical Specifications1 (TAMB=25°C)
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
DC to 105 MHz
Low Pass Filter
Ceramic
LFCN-105
REV. B
M96263
LFCN-105
ED-11690/3
RVN/AD/CP
050113
NEW!
LFCN-105
INSERTION LOSS
0
10
20
30
40
50
60
70
80
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
LFCN-105
VSWR
1
10
100
1000
0
1000
2000
3000
4000
5000
FREQUENCY (MHz)
CASE STYLE: FV1206
Model
Price
Qty.
LFCN-105
$3.99
(10-49)
LFCN-105D
$4.49
(10-49)


Similar Part No. - LFCN-105D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-105 MINI-LFCN-105 Datasheet
89Kb / 1P
   Coaxial Low Pass Filter DC to 105 MHz
LFCN-105++ MINI-LFCN-105+ Datasheet
306Kb / 1P
   LOW PASS FILTERS
More results

Similar Description - LFCN-105D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LFCN-490 MINI-LFCN-490 Datasheet
139Kb / 1P
   Ceramic Low Pass Filter
LFCN-630 MINI-LFCN-630 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-900 MINI-LFCN-900 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-1325 MINI-LFCN-1325 Datasheet
140Kb / 1P
   Low Pass Filter
LFCN-2750 MINI-LFCN-2750 Datasheet
139Kb / 1P
   Low Pass Filter
logo
SYNERGY MICROWAVE CORPO...
FLS-570 SYNERGY-FLS-570 Datasheet
412Kb / 4P
   LOW PASS filter
logo
Mini-Circuits
LFCV-45++ MINI-LFCV-45+ Datasheet
170Kb / 1P
   Low Pass Filter
BLP-1.9 MINI-BLP-1.9 Datasheet
194Kb / 1P
   Low Pass Filter
BLP-15-75 MINI-BLP-15-75 Datasheet
193Kb / 1P
   Low Pass Filter
BLP-21.4 MINI-BLP-21.4 Datasheet
193Kb / 1P
   Low Pass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com