Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F1057A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F1057A
Description  True Low Power Platform
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F1057A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F1057A Datasheet HTML 5Page - Renesas Technology Corp R5F1057A Datasheet HTML 6Page - Renesas Technology Corp R5F1057A Datasheet HTML 7Page - Renesas Technology Corp R5F1057A Datasheet HTML 8Page - Renesas Technology Corp R5F1057A Datasheet HTML 9Page - Renesas Technology Corp R5F1057A Datasheet HTML 10Page - Renesas Technology Corp R5F1057A Datasheet HTML 11Page - Renesas Technology Corp R5F1057A Datasheet HTML 12Page - Renesas Technology Corp R5F1057A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
RL78/G11
1. OUTLINE
R01DS0282EJ0110 Rev. 1.10
Page 9 of 135
Dec 28, 2016
1.5
Block Diagram
1.5.1
20-pin products
4
Port 2
3
Port 3
Port 4
Port 5
Port 12
3
CLOCK GENERATOR
+
RESET CIRCUIT
10-bit A/D CONVERTER
(11ch)
IIC00
UART0(LIN)
ch02
ch03
ch00
ch01
5
4
10
Port 13
ON-CHIP DEBUG
IIC01
CSI00
POR/
LVD
HIGH-SPEED
ON-CHIP
OSCILLATOR
48 MHz/
24 MHz/
16 MHz
LOW-SPEED
ON-CHIP
OSCILLATOR
15 kHz
MIDDLE-SPEED
ON-CHIP
OSCILLATOR
4 MHz
MAIN SYSTEM CLOCK
GENERATOR
1 to 20 MHz
REGULATOR
Port 0
2
CLOCK OUTPUT/
BUZZER OUTPUT
CONTROLLER
KEY INTERRUPT
5ch
EXTERNAL INTERRUPT
9ch
12-BIT INTERVAL
TIMER
9
CSI01
ch00
ch01
DATA TRANSFER
CONTROLLER (DTC)
RAM 1.5 KB
INT
WATCHDOG TIMER
(WDT)
CODE FLASH:
16 KB
DATA FLASH:
2 KB
EVENT LINK CONTROLLER
(ELC)
MULDIV
TI00
TO00
TI01
TO01
TI02
TO02
TI03
TO03
TIMER ARRAY UNIT 0
(4ch)
8-BIT INTERVAL TIMER 0
TIMER KB
SERIAL ARRAY UNIT0
(4 ch)
RxD0
TxD0
SCK00
SI00
SO00
SSI00
SCK01
SI01
SO01
SCL00
SDA00
SCL01
SDA01
RL78 CPU CORE
RESET
X1
X2/EXCLK
REGC
VDD
EVDD
VSS
P00, P01
P20 to P23
P30, P31, P33
P40
P54 to P56
P121, 122, 125
P137
TOOL0/P40
COMPARATOR (2ch)
COMPARATOR 0
COMPARATOR 1
8-bit D/A CONVERTER
(2ch)
PCLBUZ0
PCLBUZ1
KR0-KR4
INTP0-INTP5,
INTP9-11
ANI0-ANI3,
ANI16-ANI18,
ANI20-ANI22
ANI0/AVREFP
ANI1/AVREFM
VCOUT0
IVCMP0
IVREF0
VCOUT1
IVCMP1
IVREF1
BCD CORRECTION
CIRCUIT
DATA OPERATION
CIRCUIT (DOC)
CRC
TKBO0
TKBO1
TOOLRxD/P55
TOOLTxD/P54
UART1
RxD1
TxD1
PGA
1ch
IIC10
SCL10
SDA10
IIC11
SCL11
SDA11
CSI10
SCK10
SI10
SO10
CSI11
SCK11
SI11
SO11
ANO1
IICA0
SCLA0
SDAA0
IICA1
SCLA1
SDAA1


Similar Part No. - R5F1057A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F1006A RENESAS-R5F1006A Datasheet
153Kb / 17P
   PG-FP5
R5F1006A RENESAS-R5F1006A Datasheet
1Mb / 202P
   True Low Power Platform
R5F1006A RENESAS-R5F1006A Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R5F1006AASM RENESAS-R5F1006AASM Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R5F1006AASP RENESAS-R5F1006AASP Datasheet
3Mb / 207P
   True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
More results

Similar Description - R5F1057A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
R5F10JBCANA RENESAS-R5F10JBCANA Datasheet
1Mb / 138P
   Integrated USB Controller, True Low Power Platform
logo
STMicroelectronics
STM32L151XE STMICROELECTRONICS-STM32L151XE Datasheet
1Mb / 134P
   Ultra-low-power platform
February 2016 Rev 8
STM32L063C8 STMICROELECTRONICS-STM32L063C8 Datasheet
1Mb / 121P
   Ultra-low-power platform
March 2016 Rev 6
logo
Renesas Technology Corp
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
   True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
logo
STMicroelectronics
STM32L15XQC STMICROELECTRONICS-STM32L15XQC Datasheet
1Mb / 134P
   Ultra-low-power platform
March 2016 Rev 6
STM32L062K8 STMICROELECTRONICS-STM32L062K8 Datasheet
1Mb / 118P
   Ultra-low-power platform
March 2017 Rev 8
STM32L100C6 STMICROELECTRONICS-STM32L100C6 Datasheet
1Mb / 103P
   Ultra-low-power platform
April 2016 Rev 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com