Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F524TBADFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F524TBADFP
Description  32-bit RXv2 CPU core
Download  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F524TBADFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F524TBADFP Datasheet HTML 1Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 2Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 3Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 4Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 5Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 6Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 7Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 8Page - Renesas Technology Corp R5F524TBADFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
Datasheet
R01DS0257EJ0200 Rev.2.00
Page 1 of 133
Apr 14, 2017
RX24T Group
Renesas MCUs
Features
■ 32-bit RXv2 CPU core
• Max. operating frequency: 80 MHz
Capable of 153.6 DMIPS in operation at 80 MHz
• Enhanced DSP: 32-bit multiply-accumulate and 16-bit
multiply-subtract instructions supported
• Built-in FPU: 32-bit single-precision floating point
(compliant to IEEE754)
• Divider (fastest instruction execution takes two CPU clock
cycles)
• Fast interrupt
• CISC Harvard architecture with 5-stage pipeline
• Variable-length instructions, ultra-compact code
• On-chip debugging circuit
• Memory protection unit (MPU) supported
■ Low power design and architecture
• Operation from a single 2.7-V to 5.5-V supply
• Three low power consumption modes
■ On-chip code flash memory
• 512-/384-/256-/128-Kbyte capacities
• On-board or off-board user programming
• For instructions and operands
■ On-chip data flash memory
• 8-Kbyte (Number of erase/write cycles: 1,000,000 (typ))
• BGO (Back Ground Operation)
■ On-chip SRAM, no wait states
• 32-/16-Kbytes of SRAM
■ Data transfer functions
• DTC: Four transfer modes
■ Reset and supply management
• Seven types of reset, including the power-on reset (POR)
• Low voltage detection (LVD) with voltage settings
■ Clock functions
• Main clock oscillator frequency: 1 to 20 MHz
• External clock input frequency: Up to 20 MHz
• PLL circuit input: 4 MHz to 12.5 MHz
• On-chip low-speed oscillators, On-chip high-speed
oscillators, dedicated on-chip oscillator for the IWDT
• Clock frequency accuracy measurement circuit (CAC)
■ Independent watchdog timer
• 15-kHz on-chip oscillator produces a dedicated clock
signal to drive IWDT operation.
■ Useful functions for IEC60730 compliance
• Self-diagnostic and disconnection-detection assistance
functions for the A/D converter, clock frequency accuracy
measurement circuit, independent watchdog timer, RAM
test assistance functions using the DOC, etc.
■ MPC
• Multiple locations are selectable for I/O pins of peripheral
functions
■ Up to 6 communications channels
• CAN (compliant with ISO11898-1), incorporating
16 message boxes (1 channel)
• SCI with many useful functions (3 channels)
Asynchronous mode, clock synchronous mode, smart card
interface mode, simplified SPI, simplified I2C, and
extended serial mode.
• I2C bus interface: Transfer at up to 400 kbps, capable of
SMBus operation (1 channel)
• RSPI capable of high speed connection Transfer at up to 20
Mbps (1 channel)
■ Up to 25 extended-function timers
• 16-bit MTU3: 80 MHz operation, input capture, output
compare, three-phase complementary PWM × 2 channels
output, CPU-efficient complementary PWM, phase
counting mode (nine channels)
• 16-bit GPT: 80 MHz operation, input capture, output
compare, PWM wave-form single-phase complementary ×
4 channels output or three-phase × 1 channel + single-
phase complementary × 1 channel output, comparator
interlocking operation (count operation, PWM negate
control) (4 channels)
• 8-bit TMRs (8 channels)
• 16-bit compare-match timers (4 channels)
■ 12-bit A/D converter: 22 channels in 3 units
• Incorporating sample-and-hold circuit 12 bits × 3 units
(unit 0: 5 channels, unit 1: 5 channels, unit 2: 12 channels)
• Sampling time can be set for each channel
• Group scan priority control mode (3 levels)
• Self-diagnostic function and analog input disconnection
detection assistance function (compliant to IEC60730)
• Input signal amplitude by the programmable gain amplifier
(4 channels)
• ADC: 3-channel simultaneous sample-and-hold circuit (3
shunt method), double data register (1 shunt method),
amplifier (4 channels), comparator (4 channels)
■ 8-bit D/A converter: 2 channels
• This can be used as reference voltage for a comparator
■ Register write protection function can protect
values in important registers against
overwriting.
■ Up to 81 pins for general I/O ports
• 5-V tolerant, open drain, input pull-up, switching of
driving capacity
■ Operating temperature range
• –40 to +85°C
■ Applications
• General industrial and consumer equipment
PLQP0100KB-B 14 x 14 mm, 0.5 mm pitch
PLQP0080JA-A 14 x 14 mm, 0.65 mm pitch
PLQP0080KB-B 12 x 12 mm, 0.5 mm pitch
PLQP0064KB-C 10 x 10 mm, 0.5 mm pitch
R01DS0257EJ0200
Rev.2.00
Apr 14, 2017
80-MHz 32-bit RX MCUs, on-chip FPU, 153.6 DMIPS, power supply 5 V,
12-bit ADC (equipped with 3-channel synchronous S/H circuits, double data registers, operating amplifiers,
comparator) 3 units, Simultaneous sampling up to ADC 5 channels, CAN,
80-MHz PWM (three-phase complementary output × 2 channels + single-phase complementary output ×
4 channels or three-phase complementary × 3 channels + single-phase complementary × 1 channel)


Similar Part No. - R5F524TBADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F524UBADFB RENESAS-R5F524UBADFB Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFB#30 RENESAS-R5F524UBADFB#30 Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFP RENESAS-R5F524UBADFP Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UBADFP#30 RENESAS-R5F524UBADFP#30 Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
R5F524UCADFB RENESAS-R5F524UCADFB Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
More results

Similar Description - R5F524TBADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX24U RENESAS-RX24U Datasheet
1Mb / 131P
   32-bit RXv2 CPU core
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Freescale Semiconductor...
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
   Industry standard 8-bit M68HC05 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com