Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F524UEADFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F524UEADFP
Description  32-bit RXv2 CPU core
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F524UEADFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F524UEADFP Datasheet HTML 3Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 4Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 5Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 6Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 7Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 8Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 9Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 10Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 131 page
background image
R01DS0278EJ0100 Rev.1.00
Page 7 of 131
Mar 31, 2017
RX24U Group
1. Overview
1.2
List of Products
Table 1.3 is a list of products, and Figure 1.1 shows how to read the product part no., memory capacity, and package
type.
Note:
The part numbers for orders above are used for products in mass production or under development when this manual is issued.
Refer to the Renesas Electronics Corporation website for the latest part numbers.
Figure 1.1
How to Read the Product Part Number
Table 1.3
List of Products
Group
Part No.
Part No. (for Orders)
Package
ROM
Capacity
RAM
Capacity
E2
DataFlash
Operating
Frequency (max.)
Operating
Temperature
RX24U
R5F524UEADFB
R5F524UEADFB#30
PLQP0144KA-B
512 Kbytes
32 Kbytes
8 Kbytes
80 MHz
–40 to + 85°C
R5F524UEADFP
R5F524UEADFP#30
PLQP0100KB-B
R5F524UCADFB
R5F524UCADFB#30
PLQP0144KA-B
384 Kbytes
R5F524UCADFP
R5F524UCADFP#30
PLQP0100KB-B
R5F524UBADFB
R5F524UBADFB#30
PLQP0144KA-B
256 Kbytes
R5F524UBADFP
R5F524UBADFP#30
PLQP0100KB-B
R5 F 5 2 4 U E A D F B #3 0
Product identification code
Packaging/external pin surface treatment (lead-free)
#3: Tray/Sn (Tin) only
Package type, number of pins, and pin pitch
FB: LFQFP/144/0.50
FP: LFQFP/100/0.50
D: Operating peripheral temperature: –40 to +85°C
A: 5 V
ROM/RAM/E2 DataFlash capacity
E: 512 Kbytes/32 Kbytes/8 Kbytes
C: 384 Kbytes/32 Kbytes/8 Kbytes
B: 256 Kbytes/32 Kbytes/8 Kbytes
Group name
4U: RX24U Group
Series name
RX200 Series
Type of memory
F: Flash memory version
Renesas MCU
Renesas semiconductor product


Similar Part No. - R5F524UEADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F524T8ADFF RENESAS-R5F524T8ADFF Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFF#31 RENESAS-R5F524T8ADFF#31 Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFM RENESAS-R5F524T8ADFM Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFM#31 RENESAS-R5F524T8ADFM#31 Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFN RENESAS-R5F524T8ADFN Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
More results

Similar Description - R5F524UEADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Freescale Semiconductor...
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
   Industry standard 8-bit M68HC05 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com