Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F524UEADFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R5F524UEADFP
Description  32-bit RXv2 CPU core
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F524UEADFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R5F524UEADFP Datasheet HTML 2Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 3Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 4Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 5Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 6Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 7Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 8Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 9Page - Renesas Technology Corp R5F524UEADFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 131 page
background image
R01DS0278EJ0100 Rev.1.00
Page 6 of 131
Mar 31, 2017
RX24U Group
1. Overview
Table 1.2
Comparison of Functions for Different Packages
Module/Functions
RX24U Group
144 Pins
100 Pins
Memory
ROM
512 Kbytes
RAM
32 Kbytes
E2 Data Flash
8 Kbytes
Interrupts
External interrupts
NMI, IRQ0 to IRQ7
DTC
Data transfer controller (DTCa)
Available
Timers
Multi-function timer pulse unit 3 (MTU3d)
9 channels
General PWM timer (GPTB)
4 channels
Port output enable 3 (POE3A)
POE0#, POE4#, POE8#, POE10#, POE11#, POE12#
8-bit timer (TMR)
2 channels × 4 units
Compare match timer (CMT)
2 channels × 2 units
Independent watchdog timer (IWDTa)
Available
Communication
functions
Serial communications interfaces (SCIg)
[including simple I2C and simple SPI]
6 channels
(SCI1, 5, 6, 8, 9, 11)
4 channels
(SCI1, 5, 6, 11)
I2C bus interface (RIICa)
1 channel
Serial peripheral interface (RSPIb)
1 channel
CAN module (RSCAN)
1 channel
12-bit A/D converter
(including high-precision channels) (S12ADF)
5 channels × 2 units,
12 channels × 1 unit
(4 channels × 2 units,
12 channels × 1 unit)
5 channels × 2 units,
10 channels × 1 unit
(4 channels × 2 units,
10 channels × 1 unit)
3 channels simultaneous sampling
function
3 channels/unit 1
Programmable gain amplifier
1 channel/unit 0, 3 channels/unit 1
Comparator C (CMPC)
4 channels
D/A converter (DAa)
2 channels
CRC calculator (CRC)
Available
Packages
144-pin LFQFP
100-pin LFQFP


Similar Part No. - R5F524UEADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F524T8ADFF RENESAS-R5F524T8ADFF Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFF#31 RENESAS-R5F524T8ADFF#31 Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFM RENESAS-R5F524T8ADFM Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFM#31 RENESAS-R5F524T8ADFM#31 Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
R5F524T8ADFN RENESAS-R5F524T8ADFN Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
More results

Similar Description - R5F524UEADFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX24T RENESAS-RX24T Datasheet
1Mb / 133P
   32-bit RXv2 CPU core
logo
Hynix Semiconductor
HMS30C7202 HYNIX-HMS30C7202 Datasheet
1Mb / 136P
   32-bit ARM7TDMI RISC static CMOS CPU core
logo
NXP Semiconductors
MPC5604BC NXP-MPC5604BC_V01 Datasheet
1Mb / 109P
   Single issue, 32-bit CPU core complex (e200z0)
Rev. 15, 10/2021
S32R274 NXP-S32R274 Datasheet
3Mb / 79P
   Safety core: Power Architecture짰 e200Z4 32-bit CPU with checker core
Rev. 5, 04/2019
logo
List of Unclassifed Man...
NUC501 ETC2-NUC501 Datasheet
5Mb / 283P
   32-bit RISC CPU
logo
NXP Semiconductors
MPC5777M NXP-MPC5777M Datasheet
1Mb / 168P
   Three main CPUs, single issue, 32-bit CPU core complexes
Rev. 6, 06/2016
logo
Renesas Technology Corp
ERTEC RENESAS-ERTEC Datasheet
566Kb / 51P
   Enhanced Real-Time Ethernet Controller with 32-bit RISC CPU Core
November 2009
logo
NEC
V850E1 NEC-V850E1 Datasheet
1Mb / 226P
   32-Bit Microprocessor Core
logo
NXP Semiconductors
SAC57D54H NXP-SAC57D54H Datasheet
1Mb / 77P
   ARM??Cortex-A5, 32-bit CPU
Rev. 7, 05/2017
logo
Freescale Semiconductor...
68HC05PL4 FREESCALE-68HC05PL4 Datasheet
3Mb / 98P
   Industry standard 8-bit M68HC05 CPU core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com