Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3A3 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # S3A3
Description  Microcontroller
Download  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S3A3 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button S3A3 Datasheet HTML 6Page - Renesas Technology Corp S3A3 Datasheet HTML 7Page - Renesas Technology Corp S3A3 Datasheet HTML 8Page - Renesas Technology Corp S3A3 Datasheet HTML 9Page - Renesas Technology Corp S3A3 Datasheet HTML 10Page - Renesas Technology Corp S3A3 Datasheet HTML 11Page - Renesas Technology Corp S3A3 Datasheet HTML 12Page - Renesas Technology Corp S3A3 Datasheet HTML 13Page - Renesas Technology Corp S3A3 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
R01DS0307EU0100 Rev.1.00
Page 10 of 139
Mar 7, 2017
S3A3
1. Overview
Table 1.10
Human machine interfaces
Feature
Functional description
Segment LCD Controller (SLCDC)
The SLCDC provides the following functions:
 Waveform A or B selectable
 The LCD driver voltage generator can switch between an internal voltage boosting method,
a capacitor split method, and an external resistance division method
 Automatic output of segment and common signals based on automatic display data register
read
 The reference voltage generated when operating the voltage boost circuit can be selected in
16 steps (contrast adjustment)
 The LCD can be made to blink.
See section 48, Segment LCD Controller (SLCDC) in User's Manual.
Capacitive Touch Sensing Unit
(CTSU)
The Capacitive Touch Sensing Unit (CTSU) measures the electrostatic capacitance of the
touch sensor. Changes in the electrostatic capacitance are determined by software, which
enables the CTSU to detect whether a finger is in contact with the touch sensor. The electrode
surface of the touch sensor is usually enclosed with an electrical conductor so that a finger
does not come into direct contact with the electrode. See section 44, Capacitive Touch
Sensing Unit (CTSU) in User's Manual.
Table 1.11
Data processing
Feature
Functional description
Cyclic Redundancy Check (CRC)
Calculator
The Cyclic Redundancy Check (CRC) generates CRC codes to detect errors in the data. The
bit order of CRC calculation results can be switched for LSB-first or MSB-first communication.
Additionally, various CRC generation polynomials are available. The snoop function allows
monitoring reads from and writes to specific addresses. This function is useful in applications
that require CRC code to be generated automatically in certain events, such as monitoring
writes to the serial transmit buffer and reads from the serial receive buffer. See section 34,
Cyclic Redundancy Check (CRC) Calculator in User's Manual.
Data Operation Circuit (DOC)
The Data Operation Circuit (DOC) compares, adds, and subtracts 16-bit data. See section 45,
Data Operation Circuit (DOC) in User's Manual.
Table 1.12
Security
Feature
Functional description
Secure Crypto Engine 5 (SCE5)
 Security algorithm:
- Symmetric algorithm: AES
 Other support features:
- TRNG (True Random Number Generator)
- Hash-value generation: GHASH.


Similar Part No. - S3A3

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
S3A3U1-A1 SILICOM-S3A3U1-A1 Datasheet
341Kb / 3P
   2U & 3U PCI Express x16 Gen 3.0 Host Connector to Two TWINAX Connectors Interface Adapter
S3A3U1-A1 SILICOM-S3A3U1-A1 Datasheet
366Kb / 3P
   1U PCI Express Gen3.0 Host Connector Interface Adapter
More results

Similar Description - S3A3

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com