Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UMZ5.1K Datasheet(PDF) 2 Page - Rohm

Part # UMZ5.1K
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMZ5.1K Datasheet(HTML) 2 Page - Rohm

  UMZ5.1K Datasheet HTML 1Page - Rohm UMZ5.1K Datasheet HTML 2Page - Rohm UMZ5.1K Datasheet HTML 3Page - Rohm UMZ5.1K Datasheet HTML 4Page - Rohm UMZ5.1K Datasheet HTML 5Page - Rohm UMZ5.1K Datasheet HTML 6Page - Rohm UMZ5.1K Datasheet HTML 7Page - Rohm UMZ5.1K Datasheet HTML 8Page - Rohm UMZ5.1K Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UMZK Series
                                    Data sheet
Characteristic (Ta = 25ºC)
           
  
  
  
  
  
  
  
  
 
P/N
Symbol
Zener Voltage:VZ(V)
Reverse Current:IR(μA)
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
UMZ 3.6K
3.600
3.845
5.0
10.0
1.0
UMZ 3.9K
3.890
4.160
5.0
5.0
1.0
UMZ 4.3K
4.170
4.430
5.0
5.0
1.0
UMZ 4.7K
4.550
4.750
5.0
2.0
1.0
UMZ 5.1K
4.980
5.200
5.0
2.0
1.5
UMZ 5.6K
5.490
5.730
5.0
1.0
2.5
UMZ 6.2K
6.060
6.330
5.0
1.0
3.0
UMZ 6.8K
6.650
6.930
5.0
0.5
3.5
UMZ 7.5K
7.280
7.600
5.0
0.5
4.0
UMZ 8.2K
8.020
8.360
5.0
0.5
5.0
UMZ 9.1K
8.850
9.230
5.0
0.5
6.0
UMZ 10K
9.770
10.210
5.0
0.1
7.0
UMZ 11K
10.760
11.220
5.0
0.1
8.0
UMZ 12K
11.740
12.240
5.0
0.1
9.0
UMZ 13K
12.910
13.490
5.0
0.1
10.0
UMZ 15K
14.340
14.980
5.0
0.1
11.0
UMZ 16K
15.850
16.510
5.0
0.1
12.0
UMZ 18K
17.560
18.350
5.0
0.1
13.0
UMZ 20K
19.520
20.390
5.0
0.1
15.0
UMZ 22K
21.540
22.470
5.0
0.1
17.0
UMZ 24K
23.720
24.780
5.0
0.1
19.0
UMZ 27K
26.190
27.530
5.0
0.1
21.0
UMZ 30K
29.190
30.690
5.0
0.1
23.0
UMZ 33K
32.150
33.790
5.0
0.1
25.0
UMZ 36K
35.070
36.870
5.0
0.1
27.0
VZ test time is 40ms.
                     
Marking
 
P/N
Marking
P/N
Marking
UMZ 3.6K
5U
UMZ 12K
2L
UMZ 3.9K
5V
UMZ 13K
5B
UMZ 4.3K
5W
UMZ 15K
2M
UMZ 4.7K
5X
UMZ 16K
2N
UMZ 5.1K
5Y
UMZ 18K
2P
UMZ 5.6K
3V
UMZ 20K
2Q
UMZ 6.2K
5Z
UMZ 22K
2R
UMZ 6.8K
3X
UMZ 24K
2S
UMZ 7.5K
2E
UMZ 27K
2T
UMZ 8.2K
2H
UMZ 30K
2U
UMZ 9.1K
5E
UMZ 33K
2V
UMZ 10K
3Z
UMZ 36K
2W
UMZ 11K
2K
 
 
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
2/6
 
               
2017/01/12_Rev.002


Similar Part No. - UMZ5.1K

ManufacturerPart #DatasheetDescription
logo
Rohm
UMZ5.1K ROHM-UMZ5.1K Datasheet
138Kb / 5P
   Zener diodes
UMZ5.1K ROHM-UMZ5.1K Datasheet
136Kb / 5P
   Zener diodes
UMZ5.1K ROHM-UMZ5.1K Datasheet
2Mb / 10P
   Zener Diode
UMZ5.1K ROHM-UMZ5.1K Datasheet
137Kb / 5P
   Zener diodes
UMZ5.1K ROHM-UMZ5.1K Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - UMZ5.1K

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com