Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T110A105K075AT7200 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T110A105K075AT7200
Description  T110 Series Axial MIL-PRF-39003 Polar Type and T212 (CSR13 Style)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T110A105K075AT7200 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T110A105K075AT7200 Datasheet HTML 2Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 3Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 4Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 5Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 6Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 7Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 8Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 9Page - Kemet Corporation T110A105K075AT7200 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2031_T110_AXIAL_T212 • 9/20/2016
66
Tantalum Through-Hole Capacitors – Hermetically Sealed
T110 Series Axial MIL–PRF–39003 Polar Type and T212 (CSR13 Style)
Rated
Voltage
Rated
Cap
Case
Size
Code
KEMET Part
Number
DC
Leakage
DF
% at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Dash Number Reference
KEMET
Equivalent
Military
Failure Rate Level (%/1,000 hours)
MIL–PRF–39003/1K
MIL–PRF–39003/1K
Exponential
Graded
VDC
µF
(See below for
part options)
µA at 25°C
Max/5 Minutes
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
10
220.0
D
T110D227K010A(3)
10.0
8
2265
2505
2745
2985
4043
6043
7043
8043
T212D227K010(2)S
10
220.0
D
T110D227M010A(3)
10.0
8
2266
2506
2746
2986
4044
6044
7044
8044 T212D227M010(2)S
15
0.33
A
T110A334(1)015A(3)
0.3
3
15
0.39
A
T110A394(1)015A(3)
0.3
3
15
0.47
A
T110A474(1)015A(3)
0.3
3
15
0.56
A
T110A564(1)015A(3)
0.3
3
15
0.68
A
T110A684(1)015A(3)
0.3
3
15
1.0
A
T110A105(1)015A(3)
0.3
3
15
1.2
A
T110A125(1)015A(3)
0.3
3
15
1.5
A
T110A155(1)015A(3)
0.3
4
15
1.8
A
T110A185(1)015A(3)
0.3
4
15
2.2
A
T110A225(1)015A(3)
0.3
4
15
2.7
A
T110A275J015A(3)
0.3
4
5019
5219
5419
5619
4045
6045
7045
8045
T212A275J015(2)S
15
2.7
A
T110A275K015A(3)
0.3
4
2267
2507
2747
2987
4046
6046
7046
8046
T212A275K015(2)S
15
2.7
A
T110A275M015A(3)
0.3
4
15
3.3
A
T110A335J015A(3)
0.4
4
5020
5220
5420
5620
4047
6047
7047
8047
T212A335J015(2)S
15
3.3
A
T110A335K015A(3)
0.4
4
2268
2508
2748
2988
4048
6048
7048
8048
T212A335K015(2)S
15
3.3
A
T110A335M015A(3)
0.4
4
2269
2509
2749
2989
4049
6049
7049
8049 T212A335M015(2)S
15
3.9
B
T110B395(1)015A(3)
0.4
4
15
4.7
B
T110B475(1)015A(3)
0.7
4
15
5.6
B
T110B565(1)015A(3)
0.7
4
15
6.8
B
T110B685(1)015A(3)
0.7
6
15
8.2
B
T110B825(1)015A(3)
0.7
6
15
10.0
B
T110B106(1)015A(3)
1.0
6
15
12.0
B
T110B126(1)015A(3)
1.0
6
15
15.0
B
T110B156(1)015A(3)
2.0
6
15
18.0
B
T110B186015A(3)
2.0
6
5021
5221
5421
5621
4050
6050
7050
8050
T212B186J015(2)S
15
18.0
B
T110B186K015A(3)
2.0
6
2270
2510
2750
2990
4051
6051
7051
8051
T212B186K015(2)S
15
18.0
B
T110B186M015A(3)
2.0
6
15
22.0
B
T110B226J015A(3)
2.0
6
5022
5222
5422
5622
4052
6052
7052
8052
T212B226J015(2)S
15
22.0
B
T110B226K015A(3)
2.0
6
2271
2511
2751
2991
4053
6053
7053
8053
T212B226K015(2)S
15
22.0
B
T110B226M015A(3)
2.0
6
2272
2512
2752
2992
4054
6054
7054
8054
T212B226M015(2)S
15
27.0
C
T110C276(1)015A(3)
3.0
6
15
33.0
C
T110C336(1)015A(3)
3.0
6
15
39.0
C
T110C396(1)015A(3)
3.0
6
15
47.0
C
T110C476(1)015A(3)
4.0
6
15
56.0
C
T110C566J015A(3)
4.0
6
5023
5223
5423
5623
4055
6055
7055
8055
T212C566J015(2)S
15
56.0
C
T110C566K015A(3)
4.0
6
2273
2513
2753
2993
4056
6056
7056
8056
T212C566K015(2)S
15
56.0
C
T110C566M015A(3)
4.0
6
15
68.0
C
T110C686J015A(3)
5.0
6
5024
5224
5424
5624
4057
6057
7057
8057
T212C686J015(2)S
15
68.0
C
T110C686K015A(3)
5.0
6
2274
2514
2754
2994
4058
6058
7058
8058
T212C686K015(2)S
15
68.0
C
T110C686M015A(3)
5.0
6
2275
2515
2755
2995
4059
6059
7059
8059
T212C686M015(2)S
15
82.0
D
T110D826(1)015A(3)
6.0
6
15
100.0
D
T110D107(1)015A(3)
6.0
6
15
120.0
D
T110D127J015A(3)
6.0
6
5025
5225
5425
5625
4060
6060
7060
8060
T212D127J015(2)S
VDC
µF
Case
Size
Code
(see below for
part options)
µA at 25°C
Max/5 Minimum
120 Hz
Maximum
M
(1.0)
P
(0.1)
R
(0.01)
S
(0.001)
G
(1.0)
B
(0.1)
C
(0.01)
D
(0.001)
Part Number
Rated
Voltage
Rated
Cap
KEMET Part
Number
DC
Leakage
DF % at
25°C
MIL–PRF–39003 (CSR13) Capacitors
Table 1 – Ratings & Part Number Reference cont'd
(1) To complete KEMET Part Number, insert M for ±20%, K for ±10%, or J for 5%. Designates capacitance tolerance.
(2) To complete KEMET Part Number (T212), insert Graded failure rate – A for Not Applicable, B for 0.1%/k hours, C for 0.01%/k hours, D for 0.001%/k
hours, or G for 1%/k hours; or insert Exponential failure rate – M for 1%/k hours, P for 0.1%/k hours, R for 0.01%/k hours, or S for 0.001%/k hours.
Designates Reliability Level.
(3) To complete KEMET Part Number (T110), insert Lead Material designator – S for Standard or T for 100% Matte Tin. Designates Termination finish.
Refer to Ordering Information for additional detail.


Similar Part No. - T110A105K075AT7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110A105K050ASC KEMET-T110A105K050ASC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105K050AT KEMET-T110A105K050AT Datasheet
56Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T110, 1 uF, 10%, 50 V, 8 Ohms
T110A105K050BSC KEMET-T110A105K050BSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105K050CSC KEMET-T110A105K050CSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
T110A105K050DSC KEMET-T110A105K050DSC Datasheet
590Kb / 84P
   TANTALUM HERMETICALLY SEALED / AXIAL
More results

Similar Description - T110A105K075AT7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T110 KEMET-T110 Datasheet
809Kb / 26P
   Series Axial MIL?밣RF??9003 Polar Type and T212 (CSR13 Style)
logo
Vishay Siliconix
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
M39003-01-6103 VISHAY-M39003-01-6103 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX® Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
logo
Kemet Corporation
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
T140A105K050AS7200 KEMET-T140A105K050AS7200 Datasheet
1Mb / 14P
   T140 Series Axial MIL?밣RF??9003 Polar Type and T242 (CSR23 Style)
logo
Vaishali Semiconductor
M39003 VAISH-M39003 Datasheet
488Kb / 18P
   Solid-Electrolyte TANTALEX짰 Capacitors, Military MIL-C-39003 Qualified, Syles CSR13, 21, 23, 33
logo
Kemet Corporation
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
logo
Glenair, Inc.
181-043-15 GLENAIR-181-043-15 Datasheet
215Kb / 1P
   MIL-PRF-29504/18 Type Terminus
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com