Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLP250-DC Datasheet(PDF) 2 Page - Artesyn Technologies

Part # NLP250-DC
Description  Low profile fits 1U applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NLP250-DC Datasheet(HTML) 2 Page - Artesyn Technologies

  NLP250-DC Datasheet HTML 1Page - Artesyn Technologies NLP250-DC Datasheet HTML 2Page - Artesyn Technologies NLP250-DC Datasheet HTML 3Page - Artesyn Technologies NLP250-DC Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NLP250-DC Series Data Sheet
EMC Characteristics (5)
Conducted emissions
EN55022, FCC part 15 CISPR22, GR-1089
CORE, ETSi 300-386
Level B
ESD air
EN61000-4-2
Level 3
ESD contact
EN61000-4-2
Level 3
Radiated immunity
EN61000-4-3
Level 3
Fast transients
EN61000-4-4
Level 3
Surge
EN61000-4-5
Level 3
Conducted immunity
EN61000-4-6
Level 3
General Specifications
Hold-up time
-48 Vdc input
4 ms @ 250 W
Efficiency
-48 Vdc @ 250 W
85% typ.
Isolation voltage
Input/output
Input/chassis
1500 Vdc
1500 Vdc
Safety approvals (see note 6, page 3)
UL/cUL UL60950-1, VDE EN60950-1, CAN/CSA22.2 No. 60950-1
Weight
650g (22 oz)
MTBF (@25 ºC)
Telcordia SR-332
317,000 hours min.
Environmental Specifications
Thermal performance
Operating ambient,
-50 °C to +70 °C
(See derating curve)
Non-operating
-40 °C to +85 °C
0 °C to 50 °C ambient,
250 W
200 LFM forced air
250 LFM with cover
0 °C to 50 °C ambient
175 W
Convection cooled
50 °C to 70 °C ambient,
Derate linearly
Convection cooled
to 50% load
Relative humidity
Non-condensing
Per GR-63-Core
Altitude
Operating
10,000 feet max.
Non-operating
30,000 feet max.
Vibration
5-100 Hz
Per GR-63-Core
Shock
Per GR-63-Core
Zone 4


Similar Part No. - NLP250-DC

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
NLP250-DC EMERSON-NETWORKPOWER-NLP250-DC Datasheet
779Kb / 4P
   Single Output
More results

Similar Description - NLP250-DC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
NLP65-7608G ARTESYN-NLP65-7608G Datasheet
789Kb / 4P
   Universal Input, Low profile fits 1U applications, Overvoltage and short circuit protection
logo
Littelfuse
D0100 LITTELFUSE-D0100 Datasheet
2Mb / 1P
   Fits into wide range of Arc-Flash applications
logo
XP Power Limited
HDS800 XPPOWER-HDS800 Datasheet
720Kb / 4P
   1U Profile, High Power Density
logo
Power System Technology
PST21 PST-PST21 Datasheet
512Kb / 6P
   Chassis mounting applications, low profile
logo
Diodes Incorporated
DMP4047LFDE DIODES-DMP4047LFDE Datasheet
224Kb / 6P
   0.6mm profile ??ideal for low profile applications
logo
List of Unclassifed Man...
3406-0000 ETC-3406-0000 Datasheet
158Kb / 2P
   Fits standard IC sockets
logo
CUI INC
SJ-3502-SMT CUI-SJ-3502-SMT Datasheet
185Kb / 3P
   mid mount for low profile applications
logo
Schurter Inc.
6050 SCHURTER-6050_18 Datasheet
160Kb / 2P
   Line Switch, fits to Felcom
6050 SCHURTER-6050_V02 Datasheet
188Kb / 3P
   Line Switch, fits to Felcom
08.12.2021
logo
Green Power Solutions s...
GPDC0799 GPSEMI-GPDC0799_17 Datasheet
275Kb / 2P
   Low profile ceramic package, Spot welding applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com