Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT104-M Datasheet(PDF) 4 Page - Artesyn Technologies

Part # LPT104-M
Description  EN61000-3-2 compliant
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPT104-M Datasheet(HTML) 4 Page - Artesyn Technologies

  LPT104-M Datasheet HTML 1Page - Artesyn Technologies LPT104-M Datasheet HTML 2Page - Artesyn Technologies LPT104-M Datasheet HTML 3Page - Artesyn Technologies LPT104-M Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LPT100-M Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPT100-M DS 21Mar2016
Pin Assignments
Connector
LPT100-M
SK1
PIN 1
Live
PIN 3
Neutral
SK2
PIN 1
V1out
PIN 2
V1out
PIN 3
GND
PIN 4
GND
PIN 5
GND
PIN 6
GND
PIN 7
V2out
PIN 8
V3out
SK3
PIN 1
Power Fail
PIN 2
GND
PIN 3
+ Remote Sense
PIN 4
- Remote Sense
Mating Connectors
AC Input (SK1)
Molex 09-50-3031
PINS: 08-52-0072
AC Ground
Molex 01-90020001
DC Output (SK2) JST VHR-8N
PINS: SVH-21T-P1.1
Remote Sense
(SK3)
JST PHR-4; PINS: SPH-002T-PO.5S
OR
LANDWIN 2001S0400; PINS: 2005T
Artesyn Embedded Technologies Connector Kit #70-841-026,
includes all of the above
Notes:
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±.02”.
3. All mounting holes should be grounded for EMI purpose
4. Mounting M1 is safety ground connection
5. Specifications are for convection rating at factory settings at 115 Vac
input 25 °C unless otherwise stated.
6. This power supply requires mounting on metal standoffs 0.20” (5 m) in
height.
7. For DC input an external DC safety rated fuse must be used.
8. Warranty: 2 year
9. Weight: 0.44 lb. / 0.20 kg


Similar Part No. - LPT104-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT104-M EMERSON-NETWORKPOWER-LPT104-M Datasheet
371Kb / 3P
   130 Watts Medical and ITE safeties
logo
Artesyn Technologies
LPT104-M ARTESYN-LPT104-M Datasheet
664Kb / 4P
   Total Power: 80 - 130 Watts
logo
Advanced Energy Industr...
LPT104-M ADVANCEDENERGY-LPT104-M Datasheet
535Kb / 6P
   130 Watts
01 12.30
More results

Similar Description - LPT104-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPS100-M ARTESYN-LPS100-M Datasheet
678Kb / 3P
   EN61000-3-2 compliant
logo
SynQor Worldwide Headqu...
AQ1100IUXX SYNQOR-AQ1100IUXX Datasheet
2Mb / 8P
   Active PFC; EN61000-3-2 compliant
logo
Emerson Network Power
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL_09 Datasheet
1Mb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250_10 Datasheet
573Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250MEDICAL EMERSON-NETWORKPOWER-NLP250MEDICAL Datasheet
443Kb / 4P
   Active PFC and EN61000-3-2 compliant
NLP250 EMERSON-NETWORKPOWER-NLP250 Datasheet
444Kb / 4P
   Active PFC and EN61000-3-2 compliant
logo
Power-One
MPU150 POWER-ONE-MPU150 Datasheet
156Kb / 4P
   Power Factor Correction (PFC) Meets EN61000-3-2
logo
Sparkle Power Inc.
FSP250-60SBV SPI-FSP250-60SBV Datasheet
309Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
FSP400-60WAP SPI-FSP400-60WAP Datasheet
95Kb / 1P
   Active Power Factor Correction (PFC) meet EN61000-3-2
logo
Power-One
MPB80 POWER-ONE-MPB80 Datasheet
72Kb / 4P
   Power Factor Correction (PFC) Meets EN61000-3-2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com